Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LAM-1641-R47M-B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LAM-1641-R47M-B
Description  Axial Molded Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LAM-1641-R47M-B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LAM-1641-R47M-B Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
A, B, (inch conversion)
B=Bulk
T=Tape & Reel
Inductance Code
F=Flat Pack
Tolerance
J=5%, K=10%, M=20%
LAM - 1641 - R15 K - T
Axial Molded Inductor
(LAM-1641 Series)
Features
Inductance Range
0.15 µH to 1000 µH
Tolerance
5%, 10%, 20%
Operating Temperature
-20°C to +80°C
Construction
Unshielded Molded Epoxy
Core Material (0.15 µH to 4.70 µH)
Phenolic
Core Material (5.60 µH to 1000 µH)
Ferrite
Dielectric Strength
1000 Volts RMS
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
64.0 ± 2.0
10.4 ± 0.5
0.65 ± 0.05 dia
4.11 ± 0.2
(B)
(A)
Electrical Specifications
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
R15
0.15
50
25.2
525
0.03
2740
180
18.0
75
2.52
34
2.25
213
R22
0.22
50
25.2
450
0.055
2020
220
22.0
75
2.52
30
2.5
202
R33
0.33
45
25.2
360
0.09
1580
270
27.0
60
2.52
25
2.6
108
R47
0.47
45
25.2
310
0.12
1370
330
33.0
65
2.52
19
3
185
R56
0.56
50
25.2
280
0.135
1290
390
39.0
60
2.52
14.5
2.6
198
R68
0.68
50
25.2
250
0.15
1220
470
47.0
55
2.52
13
2.8
193
R82
0.82
50
25.2
220
0.22
1020
560
56.0
55
2.52
12
3
184
1R0
1.00
30
25.2
200
0.29
880
680
68.0
55
2.52
11
3.3
176
1R2
1.20
33
7.96
180
0.42
730
820
82.0
50
2.52
10.3
3.9
162
1R5
1.50
33
7.96
160
0.50
670
101
100
50
2.52
9.5
4.5
151
1R8
1.80
33
7.96
150
0.65
590
121
120
65
0.796
8.7
5.2
140
2R2
2.20
33
7.96
135
0.95
485
151
150
65
0.796
8
6.05
130
2R7
2.70
33
7.96
120
1.20
430
181
180
65
0.796
8
6.05
130
3R3
3.30
33
7.96
110
2.00
335
221
220
65
0.796
6.2
7.45
117
3R9
3.90
33
7.96
100
2.3
310
271
270
65
0.796
5.7
11
143
4R7
4.70
33
7.96
90
2.6
294
331
330
65
0.796
5.1
12
136
5R6
5.60
45
7.96
60
0.32
565
391
390
65
0.796
4.5
16
117
6R8
6.80
50
7.96
55
0.5
450
471
470
65
0.796
3.9
17.9
112
8R2
8.20
50
7.96
50
0.6
410
561
560
65
0.796
3.8
19.5
107
100
10.0
55
7.96
45
0.9
335
681
680
65
0.796
3.1
27
91
120
12.0
65
2.52
42
1.1
305
821
820
65
0.796
2.7
30
86
150
15.0
65
2.52
40
1.4
271
102
1000
65
0.796
2.3
33
82
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LAM-1641-R47M-B

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LAM-1641-R47M-B CALIBER-LAM-1641-R47M-B Datasheet
29Kb / 1P
Axial Molded Inductor
More results

Similar Description - LAM-1641-R47M-B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LAM-1025 ETC2-LAM-1025 Datasheet
29Kb / 1P
Axial Molded Inductor
logo
ABC Taiwan Electronics ...
AA0205R10ML ABC-AA0205R10ML Datasheet
128Kb / 6P
AXIAL INDUCTOR
20080714-A
AA0307R10ML ABC-AA0307R10ML Datasheet
132Kb / 6P
AXIAL INDUCTOR
20091221-C
logo
Caliber Electronics Inc...
LAM-1025 CALIBER-LAM-1025 Datasheet
30Kb / 1P
Axial Molded Inductor
LAM-1641 CALIBER-LAM-1641 Datasheet
29Kb / 1P
Axial Molded Inductor
logo
Bourns Electronic Solut...
9220-00-RC BOURNS-9220-00-RC Datasheet
211Kb / 1P
Molded Axial Inductor
9230-94-RC BOURNS-9230-94-RC Datasheet
228Kb / 2P
Molded Axial Inductor
9250A-101-RC BOURNS-9250A-101-RC Datasheet
246Kb / 3P
Molded Axial Inductor
9310-00-RC BOURNS-9310-00-RC Datasheet
226Kb / 2P
Molded Axial Inductor
9250A BOURNS-9250A Datasheet
248Kb / 2P
Molded Axial Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com