Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS30T48-5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # GS30T48-5
Description  30 WDC-DC CONVERTER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS30T48-5 Datasheet(HTML) 1 Page - STMicroelectronics

  GS30T48-5 Datasheet HTML 1Page - STMicroelectronics GS30T48-5 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GS30T48-5
30 W DC-DC CONVERTER
December 1993
1/2
Type
Vin
Vout
Iout
GS30T48-5
36 to 72 V
5 V
6 A
DESCRIPTION
The GS30T48-5 is a 30W DC-DC converter de-
signed to provide a 5V/6A isolated power source.
The module features a wide input voltage range (36
to 72V), low reflected input currend and short-circuit
protection.
ELECTRICAL CHARACTERISTICS (Tamb.=25
° C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Vo=5V
Io= 0.05 to 6A
36
48
72
V
li
Input Current
Vi = 48V
Vo =5V
Io = 6A
0.79
0.82
A
Iir
Input Reflected
Current
Vi= 48V
Vo =5V
Io=6A
250
300
mApp
Iiinr
Input Inrush Current
Vi= 48V
Vo=5V
Io=6A
18
22
Ap
lisc
Input Shortcircuit
Current
Vi = 48V
Vo =0V
45
70
mA
Vo
Output Voltage
Vi= 36 to 72V
Io= 0.05 to 6A
4.75
5.00
5.25
V
Vor
Output Ripple Voltage
Vi= 48V
Vo = 5V
Io= 6A
150
200
mVpp
δVo
Line Regulation
Vi= 36 to 72V
Io= 6A
2
10
mV
δVo
Load Regulation
Vi= 48V
Io= 0.05 to 6A
2
10
mV
Io
Output Current
Vi= 36 to 72V
Vo = 5V
0.05
6
A
Iosc
Output Short-circuit
Current
Vi= 48V
Vo = 0V
0.85
1.1
A
Vis
Isolation Voltage
500
Vdc
fs
Switching Frequency
Vi= 36 to 72V
Io= 0.05 to 6A
450
kHz
η
Efficiency
Vi= 48V
Vo = 5V
Io=6A
77
80
%
Rth
Thermal Resistance
Case-to-Ambient
13
°C/W
Tcop
Operating Case
Temperature Range
0
+85
°C
Tstg
Storage Temperature
Range
-20
+105
°C


Similar Part No. - GS30T48-5

ManufacturerPart #DatasheetDescription
logo
Storm Interface
GS30T20 STORMINTERFACE-GS30T20 Datasheet
120Kb / 2P
VR & GFX ILLUMINATOR KEY PADS
Iss2 February 2000
logo
STMicroelectronics
GS30T24-12 STMICROELECTRONICS-GS30T24-12 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
GS30T24-15 STMICROELECTRONICS-GS30T24-15 Datasheet
51Kb / 5P
25/30 W DC-DC CONVERTER FAMILY
Dec-1993
More results

Similar Description - GS30T48-5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
GS24T48-12 STMICROELECTRONICS-GS24T48-12 Datasheet
42Kb / 2P
24 WDC-DC CONVERTER
Dec-1993
GS2T5-12 STMICROELECTRONICS-GS2T5-12 Datasheet
34Kb / 2P
2 WDC-DC CONVERTER
Dec-1993
logo
AIMTEC
AM30EW-Z AIMTEC-AM30EW-Z Datasheet
464Kb / 6P
30 Watt | DC-DC Converter
AM30K-NZ AIMTEC-AM30K-NZ Datasheet
373Kb / 3P
30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z Datasheet
445Kb / 4P
30 Watt | DC-DC Converter
AM30K-IZ AIMTEC-AM30K-IZ_13 Datasheet
382Kb / 5P
30 Watt | DC-DC Converter
AM30KW-IZ AIMTEC-AM30KW-IZ_13 Datasheet
496Kb / 5P
30 Watt | DC-DC Converter
logo
Power Mate Technology C...
FEC30 P-DUKE-FEC30_14 Datasheet
334Kb / 3P
30 WATTS DC-DC CONVERTER
logo
AIMTEC
AM30K-NZ AIMTEC-AM30K-NZ_16 Datasheet
154Kb / 3P
30 Watt | DC-DC Converter
AM30K-Z AIMTEC-AM30K-Z_16 Datasheet
400Kb / 4P
30 Watt | DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com