Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLSE Datasheet(PDF) 7 Page - HellermannTyton.

Part # GLSE
Description  The Award Winning Multi Purpose Cable Installation Tool
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HELLERMANNTYTON [HellermannTyton.]
Direct Link  https://www.hellermanntyton.us/
Logo HELLERMANNTYTON - HellermannTyton.

GLSE Datasheet(HTML) 7 Page - HellermannTyton.

Back Button GLSE Datasheet HTML 2Page - HellermannTyton. GLSE Datasheet HTML 3Page - HellermannTyton. GLSE Datasheet HTML 4Page - HellermannTyton. GLSE Datasheet HTML 5Page - HellermannTyton. GLSE Datasheet HTML 6Page - HellermannTyton. GLSE Datasheet HTML 7Page - HellermannTyton. GLSE Datasheet HTML 8Page - HellermannTyton. GLSE Datasheet HTML 9Page - HellermannTyton. GLSE Datasheet HTML 10Page - HellermannTyton.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
132
6.5
Essentials
Cable Rod Attachments
T
Product
Description
Reference
Attachment Tube
A comprehensive set of attachments allowing you
CRAT
to extend the functionality of your Cable Rod system.
Comprises of:
1 x Thread Cleaning Flat Bullet,
1 x Gender Changer,
1 x Single Magnet, 1 x Mini Eye, 1 x Mini Hook,
1 x Chain and a 175mm Flexi Lead.
A great value pack giving you many choices
of attachments.
Chain and Magnet
A fantastically useful attachment set.
CRCM
A lifesaver when you are working unsighted or
only have a small access hole, the chain literally
jumps onto the magnet. Perfect for making the
link between lost or obscured rod ends and
access holes.
Bullets
The new Domed Bullet allows you to feed rods
CRPB
through congested cable runs while the flat
faced bullet will force it’s way through dust/dirty
areas. Both provided protection for threaded ends.
Tuff Hook
A simple but very effective attachment for
CRTH
grabbing new or old cable and manoeuvering
or removing it.
Mini Eye
A great little attachment for lightweight cables.
CRME
It’s small overall diameter means access holes
can be as small as 8mm.
Mini Eye and Bullet
A convenient and inexpensive way to buy two of
CREB
our most useful attachments.
Push-Pull Ring
The push-pull ring provides an easy, strong and
CRPR
very secure attachment for single or bundled cables.
Single Magnet
Small but strong magnet will retrieve lost tools.
CRMG
Also useful when two lengths of cable rod are
working from opposite directions to span large voids.
The magnet on the one length will pick up the
tuff hook or push-pull ring on the other.
Flexi Lead
Long (330mm) Flexi Lead.
CRFL
Supplied complete with domed brass bullet for
easy feeding in awkward places.
Cable Rods Attachments
G_Ess IRISH Sect6
26/7/06
15:06
Page 132



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com