Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDRH8D43NP-R68NB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDRH8D43NP-R68NB
Description  POWER INDUCTORS < SMD Type: CDRH Series>
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH8D43NP-R68NB Datasheet(HTML) 2 Page - Sumida Corporation

  CDRH8D43NP-R68NB Datasheet HTML 1Page - Sumida Corporation CDRH8D43NP-R68NB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
POWER INDUCTORS < SMD Type: CDRH Series>
Type: CDRH8D43 , CDRH8D43/HP
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
B Box
C Carrier Tape
Specification(CDRH8D43)
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
Saturation
Current
(
A)※1
Temperature
Rise current
(A) ※2
CDRH8D43NP-R68N□
R68
0.68μH±35%
9.5(7.0)
9.0
6.9
CDRH8D43NP-1R2N□
1R2
1.2μH±35%
12.2(9.0)
8.0
6.2
CDRH8D43NP-2RØN□
2R0
2.0μH±30%
14(11)
7.0
5.5
CDRH8D43NP-3R9N□
3R9
3.9μH±30%
19(15)
5.9
4.5
CDRH8D43NP-4R7N□
4R7
4.7μH±30%
22(17)
5.6
4.1
CDRH8D43NP-6R8N□
6R8
6.8μH±30%
25(20)
4.4
3.9
CDRH8D43NP-1ØØN□
100
10μH±30%
36(29)
4.0
3.2
CDRH8D43NP-15ØN□
150
15μH±30%
53(42)
2.9
2.3
CDRH8D43NP-22ØN□
220
22μH±30%
75(60)
2.6
1.8
CDRH8D43NP-33ØN□
330
33μH±30%
125(100)
2.2
1.4
CDRH8D43NP-47ØN□
470
47μH±30%
150(120)
1.8
1.3
CDRH8D43NP-68ØN□
680
68μH±30%
240(190)
1.5
1.0
CDRH8D43NP-1Ø1N□
101
100μH±30%
360(290)
1.3
0.8
Specification(CDRH8D43/HP)
Saturation Current
(
A)※1
Part Name
※
Stamp
Inductance
[
Within]
100kHz/1V
D.C.R.(mΩ)
Max.(Typ.)
(at 20℃)
(at 20℃) (at100℃)
Temperature
rise current
(A)※2
CDRH8D43HPNP-1R2N□
1R2
1.2μH±30%
16.5(12.3)
12.6
10.8
5.6
CDRH8D43HPNP-2R7N□
2R7
2.7μH ±30%
19.5(15.9)
8.6
7.0
5.1
CDRH8D43HPNP-4R7N□
4R7
4.7μH ±30%
27.0(20.7)
6.2
5.2
3.9
CDRH8D43HPNP-6R8N□
6R8
6.8μH ±30%
36.0(31.2)
5.6
4.5
3.3
CDRH8D43HPNP-1ØØN□
100
10μH ±30%
53.0(44.4)
4.3
3.5
2.5
CDRH8D43HPNP-15ØN□
150
15μH ±30%
75.0(64.4)
3.7
2.9
2.0
CDRH8D43HPNP-22ØN□
220
22μH ±30%
125(103)
3.0
2.4
1.5
CDRH8D43HPNP-33ØN□
330
33μH ±30%
150(123)
2.5
2.0
1.4
CDRH8D43HPNP-47ØN□
470
47μH ±30%
238(183)
2.0
1.6
1.2
CDRH8D43HPNP-68ØN□
680
68μH ±30%
363(294)
1.6
1.4
0.8
※
Description of part name
CDRH8D43NP-R68N□
※
1. Saturation current: The DC current at which the inductance decreases to 65% of it’s nominal value.
※
2
. Temperature rise current: The DC current at which the temperature rise is △t=40℃.(Ta=20℃).



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com