Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPSC12G065DY Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPSC12G065DY
Description  Automotive 650 V, 12 A high surge silicon carbide power Schottky diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPSC12G065DY Datasheet(HTML) 3 Page - STMicroelectronics

  STPSC12G065DY Datasheet HTML 1Page - STMicroelectronics STPSC12G065DY Datasheet HTML 2Page - STMicroelectronics STPSC12G065DY Datasheet HTML 3Page - STMicroelectronics STPSC12G065DY Datasheet HTML 4Page - STMicroelectronics STPSC12G065DY Datasheet HTML 5Page - STMicroelectronics STPSC12G065DY Datasheet HTML 6Page - STMicroelectronics STPSC12G065DY Datasheet HTML 7Page - STMicroelectronics STPSC12G065DY Datasheet HTML 8Page - STMicroelectronics STPSC12G065DY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Table 4. Dynamic electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
QCj (1)
Total capacitive charge
VR = 400 V
-
37
-
nC
Cj
Total capacitance
VR = 0 V, Tc = 25 °C, F = 1 MHz
-
790
-
pF
VR = 400 V, Tc = 25 °C, F = 1 MHz
-
51
-
1.
Most accurate value for the capacitive charge:
QcjVR = 0VRCjVdV
Figure 1. Thermal transient impedance model circuit of the diode – Zth(j-c)
Table 5. Components typical values of the diode thermal transient impedance model Zth(j-c)
Ref.
Value (K/W)
Ref.
Value (J/K)
Rth1
50.02 m
Cth1
0.79 m
Rth2
462.24 m
Cth2
0.68 m
Rth3
377.50 m
Cth3
3.29 m
Rth4
246.17 m
Cth4
17.01 m
Rth5
62.74 m
Cth5
241.61 m
STPSC12G065-Y
Characteristics
DS15043 - Rev 2
page 3/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com