Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSML-201212 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSML-201212
Description  Surface Mount Multilayer Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSML-201212 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSML-201212 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(3000 pcs per reel)
Tolerance
K=10%, M=20%
LSML - 201212 - 2R7 K - T
Surface Mount Multilayer Chip Inductor
(LSML-201212 Series)
Features
Inductance Range
2.7 µH to 100 µH
Tolerance
10%, 20%
Operating Temperature
-25°C to +85°C
Electrical Specifications
Inductance
Code
Inductance
(µH)
Available
Tolerance
Q
Min
LQ Test Freq
(MHz)
SRF Min
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
2R7
2.7
K, M
40
10
45
0.75
30
3R3
3.3
K, M
40
10
41
0.80
30
3R9
3.9
K, M
40
10
38
0.90
30
4R7
4.7
K, M
40
10
35
1.00
30
5R6
5.6
K, M
45
4
32
0.90
15
6R8
6.8
K, M
45
4
29
1.00
15
8R2
8.2
K, M
45
4
26
1.10
15
100
10
K, M
45
2
24
1.15
15
120
12
K, M
45
2
22
1.25
15
150
15
K, M
30
1
19
0.80
5
180
18
K, M
30
1
18
0.90
5
220
22
K, M
30
1
16
1.10
5
270
27
K, M
30
1
14
1.15
5
330
33
K, M
30
0.4
13
1.25
5
390
39
K, M
35
2
8.0
2.90
4
470
47
K, M
35
2
7.5
3.00
4
560
56
K, M
35
2
7.0
3.10
4
680
68
K, M
25
1
6.5
2.90
2
101
100
K, M
25
1
5.5
3.10
2
820
82
K, M
25
1
6.0
3.00
2
2.0 ± 0.20
0.5 ± 0.3
1.25 ± 0.20
1.25 ± 0.20
0.5 ± 0.3
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSML-201212

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212-100K-B CALIBER-LSML-201212-100K-B Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212-100K-T CALIBER-LSML-201212-100K-T Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212-100M-B CALIBER-LSML-201212-100M-B Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212-100M-T CALIBER-LSML-201212-100M-T Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
More results

Similar Description - LSML-201212

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-321611 ETC2-LSML-321611 Datasheet
26Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-321611 CALIBER-LSML-321611 Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-322513 CALIBER-LSML-322513 Datasheet
23Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
NIC-Components Corp.
NFP NIC-NFP Datasheet
771Kb / 5P
Surface Mount Multilayer Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com