Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F18455 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC16F18455
Description  PIC16(L)F184XX Memory Programming Specification
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F18455 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC16F18455 Datasheet HTML 9Page - Microchip Technology PIC16F18455 Datasheet HTML 10Page - Microchip Technology PIC16F18455 Datasheet HTML 11Page - Microchip Technology PIC16F18455 Datasheet HTML 12Page - Microchip Technology PIC16F18455 Datasheet HTML 13Page - Microchip Technology PIC16F18455 Datasheet HTML 14Page - Microchip Technology PIC16F18455 Datasheet HTML 15Page - Microchip Technology PIC16F18455 Datasheet HTML 16Page - Microchip Technology PIC16F18455 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 52 page
background image
Value
Description
001
HFINTOSC with 2x PLL (32 MHz), with OSCFRQ = ‘101’ (16 MHz) and CDIV = ‘0000’ (1:1)
000
Reserved
Bits 2:0 – FEXTOSC[2:0] FEXTOSC External Oscillator Mode Selection bits
Value
Description
111
ECH (External Clock) above 8 MHz
110
ECM (External Clock) for 100 kHz to 8 MHz
101
ECL (External Clock) below 100 kHz
100
Oscillator not enabled
011
Reserved (do not use)
010
HS (Crystal oscillator) above 4 MHz
001
XT (Crystal oscillator) above 100 kHz, below 4 MHz
000
LP (crystal oscillator) optimized for 32.768 kHz
PIC16(L)F184XX
Memory Map
© 2017 Microchip Technology Inc.
DS40001970A-page 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com