Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

75NF75 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # 75NF75
Description  HEXFET짰 POWER MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

75NF75 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  75NF75 Datasheet HTML 1Page - Estek Electronics Co. Ltd 75NF75 Datasheet HTML 2Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HEXFET
®
Power MOSFET
Electrical Characteristics @TJ=25 ْ°C (unless otherwise specified)
Parameter
Min.
Typ.
Max. Units
Test Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
75
—
—
V
VGS=0V,ID=250uA
△V(BR)DSS/
△TJ
Breakdown Voltage Temp. Coefficient
—
0.074
—
V/°C Reference to 25°C,ID=1mA
RDS(on)
Static Drain-to-Source On-resistance
—
—
13.0
m
Ω VGS=10V,ID=40A ⑤
VGS(th)
Gate Threshold Voltage
2.0
—
4.0
V
VDS=VGS, ID=250
μA
gfs
Forward Transconductance
20
—
—
S
VDS=25V,ID=40A ⑤
—
—
25
VDS=75V,VGS=0V
IDSS
Drain-to-Source Leakage current
—
—
250
μA
VDS=60V,VGS=0V,TJ=150°C
Gate-to-Source Forward leakage
—
—
100
VGS=20V
IGSS
Gate-to-Source Reverse leakage
—
—
-100
nA
VGS=-20V
Qg
Total Gate Charge
—
—
160
Qgs
Gate-to-Source charge
—
—
29
Qgd
Gate-to-Drain ("Miller") charge
—
—
55
nC
ID=40A
VDS=60V
VGS=10V See Fig.6 and 13⑤
td(on)
Turn-on Delay Time
—
13
—
tr
Rise Time
—
64
—
td(off)
Turn-Off Delay Time
—
49
—
tf
Fall Time
—
48
—
nS
VDD=38V
ID=40A
RG=2.5
Ω 
VGS=10V See Figure 10⑤
LD
Internal Drain Inductance
—
4.5
—
LS
Internal Source Inductance
—
7.5
—
nH
Between lead,
6mm(0.25in.)
from
package
and center of
die contact
Ciss
Input Capacitance
—
3820
—
Coss
Output Capacitance
—
610
—
Crss
Reverse Transfer Capacitance
—
130
—
pF
VGS=0V
VDS=25V
f
=1.0MHZ See Figure 5
Source-Drain Ratings and Characteristics
Parameter
Min.
Typ.
Max.
Units
Test Conditions
IS
Continuous Source Current
.
(Body Diode)
—
—
75
ISM
Pulsed Source Current
.
(Body Diode)
②
—
—
300
A
MOSFET symbol
showing the
integral reverse
p-n junction diode.
VSD
Diode Forward Voltage
—
—
1.3
V
TJ=25°C,IS=40A,VGS=0V ⑤
trr
Reverse Recovery Time
—
100
150
nS
Qrr
Reverse Recovery Charge
—
410
610
nC
TJ=25°C,IF=40A
di/dt=100A/
μs ⑤
ton
Forward Turn-on Time
Intrinsic turn-on time is negligible (turn-on is dominated by Ls + LD)
Notes:
2
③
Starting TJ = 25°C, L = 370mH, RG = 25
Ω, IAS = 40A,
VGS=10V (See Figure 12)
④
ISD
≤ 40A, di/dt ≤ 300A/μs, VDD ≤ V(BR)DSS,TJ ≤ 175°C
⑤
Pulse width
≤ 400μs; duty cycle ≤ 2%.
①
Calculated continuous current based on maximum
allowable junction temperature. Package limitation
current is 75A.
②
Repetitive rating; pulse width limited by max. junction
temperature. (See fig. 11)
75NF75



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com