Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC164 Datasheet(PDF) 2 Page - Estek Electronics Co. Ltd

Part # 74HC164
Description  identical in pinout to the LS/ALS164
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESTEK [Estek Electronics Co. Ltd]
Direct Link  http://www.estek.com.cn/en/index.asp
Logo ESTEK - Estek Electronics Co. Ltd

74HC164 Datasheet(HTML) 2 Page - Estek Electronics Co. Ltd

  74HC164_1 Datasheet HTML 1Page - Estek Electronics Co. Ltd 74HC164_1 Datasheet HTML 2Page - Estek Electronics Co. Ltd 74HC164_1 Datasheet HTML 3Page - Estek Electronics Co. Ltd 74HC164_1 Datasheet HTML 4Page - Estek Electronics Co. Ltd 74HC164_1 Datasheet HTML 5Page - Estek Electronics Co. Ltd 74HC164_1 Datasheet HTML 6Page - Estek Electronics Co. Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
74HC164
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +7.0
V
VIN
DC Input Voltage (Referenced to GND)
-1.5 to VCC +1.5
V
VOUT
DC Output Voltage (Referenced to GND)
-0.5 to VCC +0.5
V
IIN
DC Input Current, per Pin
±20
mA IOUT DC Output Current, per Pin
±25
mA ICC
DC Supply Current, VCC
and GND Pins
±50
mA
PD
Power Dissipation in Still Air, Plastic
DIP+
750
500
mW
Tstg
Storage Temperature
-65 to +150
°
C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
(Plastic DIP or SOIC Package)
260
°
C
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be
restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°
C from 65
°
to 125°
C
SOIC Package: : - 7 mW/ °
C from 65 °
to 125°
C
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply Voltage (Referenced to GND)
2.0
6.0
V
VIN, VOUT
DC Input Voltage, Output Voltage (Referenced to GND)
0
VCC
V
TA
Operating Temperature, All Package Types
-55
+125
°
C
tr, tf
Input Rise and Fall Time
(Figure 1)
VCC
=2.0
V VCC =4.5
V VCC =6.0
0
0
0
1000
500
400
ns
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields.
However,
precautions
must
betaken
to
avoid
applications
of
any voltage
higher
than
maximum
rated voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be
constrained to the range
GND≤(VIN or V OUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND
or
VCC).
BEIJING ESTEK ELECTRONICS CO.,LTD
2



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com