Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACD Datasheet(PDF) 41 Page - Texas Instruments

Part # TL082ACD
Description  TL08xx FET-Input Operational Amplifiers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL082ACD Datasheet(HTML) 41 Page - Texas Instruments

Back Button TL082ACD Datasheet HTML 37Page - Texas Instruments TL082ACD Datasheet HTML 38Page - Texas Instruments TL082ACD Datasheet HTML 39Page - Texas Instruments TL082ACD Datasheet HTML 40Page - Texas Instruments TL082ACD Datasheet HTML 41Page - Texas Instruments TL082ACD Datasheet HTML 42Page - Texas Instruments TL082ACD Datasheet HTML 43Page - Texas Instruments TL082ACD Datasheet HTML 44Page - Texas Instruments TL082ACD Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 78 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
1-Nov-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-9851501Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-9851503Q2A
FK
LCCC
20
55
506.98
12.06
2030
NA
TL081ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL081ACP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL081BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL081BCP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL081CP
P
PDIP
8
50
506
13.97
11230
4.32
TL081CP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL081IP
P
PDIP
8
50
506
13.97
11230
4.32
TL081IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082ACP
P
PDIP
8
50
506
13.97
11230
4.32
TL082ACP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082BCP
P
PDIP
8
50
506
13.97
11230
4.32
TL082BCP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082CP
P
PDIP
8
50
506
13.97
11230
4.32
TL082CP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082IP
P
PDIP
8
50
506
13.97
11230
4.32
TL082IP
P
PDIP
8
50
506
13.97
11230
4.32
TL082IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082IP.A
P
PDIP
8
50
506
13.97
11230
4.32
TL082MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TL082MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
TL084ACN
N
PDIP
14
25
506
13.97
11230
4.32
TL084ACN
N
PDIP
14
25
506
13.97
11230
4.32
TL084ACN.A
N
PDIP
14
25
506
13.97
11230
4.32
TL084ACN.A
N
PDIP
14
25
506
13.97
11230
4.32
TL084BCN
N
PDIP
14
25
506
13.97
11230
4.32
TL084BCN
N
PDIP
14
25
506
13.97
11230
4.32
TL084BCN.A
N
PDIP
14
25
506
13.97
11230
4.32
Pack Materials-Page 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com