Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL082ACDR.A Datasheet(PDF) 29 Page - Texas Instruments

Part # TL082ACDR.A
Description  TL08xx FET-Input Operational Amplifiers
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TL082ACDR.A Datasheet(HTML) 29 Page - Texas Instruments

Back Button TL082ACDR.A Datasheet HTML 25Page - Texas Instruments TL082ACDR.A Datasheet HTML 26Page - Texas Instruments TL082ACDR.A Datasheet HTML 27Page - Texas Instruments TL082ACDR.A Datasheet HTML 28Page - Texas Instruments TL082ACDR.A Datasheet HTML 29Page - Texas Instruments TL082ACDR.A Datasheet HTML 30Page - Texas Instruments TL082ACDR.A Datasheet HTML 31Page - Texas Instruments TL082ACDR.A Datasheet HTML 32Page - Texas Instruments TL082ACDR.A Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 78 page
background image
• Changed TL081x to TL081C in Table 4-2...........................................................................................................3
• Updated HBM value from 2000V to 1500V........................................................................................................ 9
• Deleted plots for THD+N Ratio vs Frequency, THD+N vs Output Amplitude, and CMRR and PSRR vs
Frequency ........................................................................................................................................................17
• Added "(for SO Package Only)" to Figure 6-4, Test Figure 4 .......................................................................... 23
• Deleted System Examples section................................................................................................................... 26
• Updated 2nd bullet in Layout Guidelines .........................................................................................................26
• Added Device Nomenclature table................................................................................................................... 28
Changes from Revision M (December 2021) to Revision N (June 2024)
Page
• Changed Absolute Maximum Ratings, ESD Ratings, Recommended Operating Conditions, and Thermal
Information sections by merging TL08xH and TL08xx specifications.................................................................9
• Changed Electrical Characteristics tables by merging TL08xC, TL08xAC, TL08xBC, TL08xI, and TL08xM
specifications.................................................................................................................................................... 14
• Increased gain bandwidth of all non-NS/non-PS packages and non-TL08xM devices from 3 MHz to 5.25
MHz.................................................................................................................................................................. 14
• Merged TL08xC, TL08xAC, TL08xBC, TL08xI, and TL08xM Switching Characteristics tables and renamed to
Electrical Characteristics (AC)..........................................................................................................................16
• Changed input voltage noise density at 1 kHz for all non-PS/non-NS packages and all non-TL08xM devices
to 37 nV/√Hz.....................................................................................................................................................16
• Changed THD+N for all non-PS/non-NS packages and all non-TL08xM devices to 0.00012%...................... 16
• Updated Functional Block Diagram and Feature Description sections............................................................ 24
Changes from Revision L (July 2021) to Revision M (December 2021)
Page
• Corrected DCK pinout diagram and table in Pin Configurations and Functions section.................................... 3
11 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
www.ti.com
TL081, TL081A, TL081B, TL081H
TL082, TL082A, TL082B, TL082H
TL084, TL084A, TL084B, TL084H
SLOS081O – FEBRUARY 1977 – REVISED SEPTEMBER 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: TL081 TL081A TL081B TL081H TL082 TL082A TL082B TL082H TL084 TL084A TL084B TL084H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com