Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV172IDBVT Datasheet(PDF) 4 Page - Texas Instruments

Part # TLV172IDBVT
Description  TLVx172 36-V, single-supply, low-power operational amplifier for cost-sensitive systems
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV172IDBVT Datasheet(HTML) 4 Page - Texas Instruments

  TLV172IDBVT Datasheet HTML 1Page - Texas Instruments TLV172IDBVT Datasheet HTML 2Page - Texas Instruments TLV172IDBVT Datasheet HTML 3Page - Texas Instruments TLV172IDBVT Datasheet HTML 4Page - Texas Instruments TLV172IDBVT Datasheet HTML 5Page - Texas Instruments TLV172IDBVT Datasheet HTML 6Page - Texas Instruments TLV172IDBVT Datasheet HTML 7Page - Texas Instruments TLV172IDBVT Datasheet HTML 8Page - Texas Instruments TLV172IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
+
±
1
NC
8
NC
2
±IN
7
V+
3
+IN
6
OUT
4
V±
5
NC
Not to scale
1
OUT
2
V±
3
+IN
4
±IN
5
V+
Not to scale
1
+IN
2
V±
3
±IN
4
OUT
5
V+
Not to scale
4
TLV172, TLV2172, TLV4172
SBOS784C – NOVEMBER 2016 – REVISED JANUARY 2019
www.ti.com
Product Folder Links: TLV172 TLV2172 TLV4172
Submit Documentation Feedback
Copyright © 2016–2019, Texas Instruments Incorporated
6 Pin Configuration and Functions
TLV172 DCK Package
5-Pin SC70
Top View
TLV172 DBV Package
5-Pin SOT-23
Top View
TLV172 D Package
8-Pin SOIC
Top View
NC- no internal connection
Pin Functions: TLV172
PIN
I/O
DESCRIPTION
NAME
SC70
SOT-23
SOIC
–IN
3
4
2
I
Negative (inverting) input
+IN
1
3
3
I
Positive (noninverting) input
NC
—
—
1, 5, 8
—
No internal connection (can be left floating)
OUT
4
1
6
O
Output
V–
2
2
4
—
Negative (lowest) power supply
V+
5
5
7
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com