Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SXESDHC2FD7VB Datasheet(PDF) 2 Page - Shunxin Technology Co., Ltd.

Part # SXESDHC2FD7VB
Description  Transient Voltage Suppressors for ESD Protection
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

SXESDHC2FD7VB Datasheet(HTML) 2 Page - Shunxin Technology Co., Ltd.

  SXESDHC2FD7VB Datasheet HTML 1Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VB Datasheet HTML 2Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VB Datasheet HTML 3Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VB Datasheet HTML 4Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VB Datasheet HTML 5Page - Shunxin Technology Co., Ltd. SXESDHC2FD7VB Datasheet HTML 6Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electronics Parameter
Symbol
Parameter
VRWM
Peak Reverse Working Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
IPP
Maximum Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
PPP
Peak Pulse Power
CJ
Junction Capacitance
IF
Forward Current
VF
Forward Voltage @ IF
Electrical characteristics per line@25℃ (unless otherwise specified)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Peak Reverse Working Voltage
VRWM
7.0
V
Breakdown Voltage
VBR
It = 1mA
7.5
9.0
10.0
V
Reverse Leakage Current
IR
VRWM = 7V T=25℃
1.0
μA
Clamping Voltage
VCL
IPP=16A
tp=100ns
11.0
V
Clamping Voltage
VC
IPP=1A tP = 8/20μs
11.0
12.0
V
Clamping Voltage
VC
IPP=7A tP = 8/20μs
14.0
15.0
V
Clamping Voltage
VC
IPP=14.5A tP = 8/20μs
19.0
21.0
V
Junction Capacitance
Cj
VR=0V f = 1MHz
39.0
45.0
pF
Absolute maximum rating@25℃
Rating
Symbol
Value
Units
Peak Pulse Power (tp=8/20μs)
Ppp
300
W
Peak Pulse Current (tp=8/20μs)
Ipp
14.5
A
Operating Temperature
TJ
-55 to 150
℃
Storage Temperature
TSTG
-55 to 150
℃
Transient Voltage Suppressors for ESD Protection
SXESDHC2FD7VB
2
www.sxsemi.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com