Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV313IDBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV313IDBVR
Description  TLVx313 Low-Power, Rail-to-Rail In/Out, 500-μV Typical Offset, 1-MHz Operational Amplifier for Cost-Sensitive Systems
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV313IDBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV313IDBVR Datasheet HTML 17Page - Texas Instruments TLV313IDBVR Datasheet HTML 18Page - Texas Instruments TLV313IDBVR Datasheet HTML 19Page - Texas Instruments TLV313IDBVR Datasheet HTML 20Page - Texas Instruments TLV313IDBVR Datasheet HTML 21Page - Texas Instruments TLV313IDBVR Datasheet HTML 22Page - Texas Instruments TLV313IDBVR Datasheet HTML 23Page - Texas Instruments TLV313IDBVR Datasheet HTML 24Page - Texas Instruments TLV313IDBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
5 kW
10-mA max
V+
V
IN
V
OUT
I
OVERLOAD
Device
R
G
R
F
R
2
R
1
C
2
V
IN
V
OUT
1
2pRC
f
=
-
3 dB
C
1
R
R = R
C
C = C
Q = Peaking factor
(Butterworth Q = 0.707)
1
1
2
2
=
=
R
G =
(
(
R
F
2 -
1
Q
21
TLV313, TLV2313, TLV4313
www.ti.com
SBOS753B – JUNE 2016 – REVISED FEBRUARY 2017
Product Folder Links: TLV313 TLV2313 TLV4313
Submit Documentation Feedback
Copyright © 2016–2017, Texas Instruments Incorporated
System Examples (continued)
If even more attenuation is needed, a multiple pole filter is required. The Sallen-Key filter may be used for this
task, as shown in Figure 23. For best results, the amplifier must have a bandwidth that is eight to 10 times the
filter frequency bandwidth. Failure to follow this guideline may result in phase shift of the amplifier.
Figure 23. Two-Pole, Low-Pass, Sallen-Key Filter
10 Power Supply Recommendations
The TLVx313 family is specified for operation from 1.8 V to 5.5 V (±0.9 V to ±2.75 V); many specifications apply
from –40°C to +125°C. The Typical Characteristics section presents parameters that may exhibit significant
variance with regard to operating voltage or temperature.
CAUTION
Supply voltages larger than 7 V can permanently damage the device (see the Absolute
Maximum Ratings table).
Place 0.1-μF bypass capacitors close to the power-supply pins to reduce errors coupling in from noisy or high-
impedance power supplies. For more detailed information on bypass capacitor placement, refer to the Layout
Guidelines section.
10.1 Input and ESD Protection
The TLV313 family incorporates internal electrostatic discharge (ESD) protection circuits on all pins. In the case
of input and output pins, this protection primarily consists of current-steering diodes connected between the input
and power-supply pins. The ESD protection diodes also provide in-circuit, input overdrive protection, as long as
the current is limited to 10 mA as stated in the Absolute Maximum Ratings. Figure 24 shows how a series input
resistor may be added to the driven input to limit the input current. The added resistor contributes thermal noise
at the amplifier input and the value must be kept to a minimum in noise-sensitive applications.
Figure 24. Input Current Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com