Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV369 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLV369
Description  TLVx369 Cost-Optimized, 800-nA, 1.8-V, Rail-to-Rail I/O Operational Amplifier with Zero-Crossover Distortion
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV369 Datasheet(HTML) 3 Page - Texas Instruments

  TLV369 Datasheet HTML 1Page - Texas Instruments TLV369 Datasheet HTML 2Page - Texas Instruments TLV369 Datasheet HTML 3Page - Texas Instruments TLV369 Datasheet HTML 4Page - Texas Instruments TLV369 Datasheet HTML 5Page - Texas Instruments TLV369 Datasheet HTML 6Page - Texas Instruments TLV369 Datasheet HTML 7Page - Texas Instruments TLV369 Datasheet HTML 8Page - Texas Instruments TLV369 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
1
2
3
4
8
7
6
5
V+
OUTB
-
INB
+INB
OUTA
-
INA
+INA
V
-
1
2
3
4
8
7
6
5
OUT A
-
IN A
+IN A
V
-
+IN B
-
IN B
OUT B
V+
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
3
TLV369, TLV2369
www.ti.com
SBOS757 – MAY 2016
Product Folder Links: TLV369 TLV2369
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
TLV369: DCK Package
5-Pin SC70
Top View
Pin Functions: TLV369
PIN
I/O
DESCRIPTION
NAME
TLV369
DCK (SC70)
–IN
3
I
Negative (inverting) input
+IN
1
I
Positive (noninverting) input
OUT
4
O
Output
V–
2
—
Negative (lowest) power supply or ground (for single-supply operation)
V+
5
—
Positive (highest) power supply
TLV2369: D Package
8-Pin SOIC
Top View
TLV2369: DGK Package
8-Pin VSSOP
Top View
Pin Functions: TLV2369
PIN
I/O
DESCRIPTION
NAME
TLV2369
D (SOIC)
DGK
(VSSOP)
–IN A
2
2
I
Inverting input, channel A
–IN B
6
6
I
Inverting input, channel B
+IN A
3
3
I
Noninverting input, channel A
+IN B
5
5
I
Noninverting input, channel B
OUT A
1
1
O
Output, channel A
OUT B
7
7
O
Output, channel B
V–
4
4
—
Negative (lowest) power supply
V+
8
8
—
Positive (highest) power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com