Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLF280RTP Datasheet(PDF) 1 Page - Multicomp Pro

Part # CLF280RTP
Description  Lens Mount
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

CLF280RTP Datasheet(HTML) 1 Page - Multicomp Pro

  CLF280RTP Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Lens Mount
Page <1>
31/05/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Dimensions : Inches (Millimetres)
Specifications:
Material
: Polycarbonate
Design
: Standard profile lens using fresnel rings and straighted lines
Mounting
: Mounts through the front of panel
: Mounting holes should be deburred but not chamfered
: Lens mounts in a 0.25 ±0.002 (6.35 mm) hole on 3 / 8 inches centres
: Panel thickness 1 / 16 to 1 / 8 inches
: Standard metal or plastic washer can be used to increase panel
: thickness if necessary
Part Number Table
Description
Part Number
Lens / Mount, Red
CLF280RTP
Lens / Mount, Amber
CLF280ATP
Lens / Mount, Green
CLF280GTP
Lens / Mount, Clear
CLF280CTP
Part Number Explanation :
Colour : RTP = Red Transparent
ATP = Amber Transparent
GTP = Green Transparent
CTP = Clear Transparent
Model
CLF280
Colour
RTP
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.


Similar Part No. - CLF280RTP

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
5MM ROUND STANDARD HEIGHT FRESNEL LENS
CLF280RTP VCC-CLF280RTP Datasheet
90Kb / 1P
HEIGHT FRESNEL LENS 5MM ROUND STANDARD
More results

Similar Description - CLF280RTP

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2X01-0XX DIALIGHT-591-2X01-0XX Datasheet
151Kb / 1P
SURFACE MOUNT CBI - ROUND LENS
logo
Sanken electric
SEC1001 SANKEN-SEC1001 Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Flat Lens)
SEC1003 SANKEN-SEC1003 Datasheet
24Kb / 1P
3x1.5 Surface Mount LED (Inner Lens)
logo
STANLEY ELECTRIC CO.,LT...
AN1102W STANLEY-AN1102W Datasheet
183Kb / 10P
Surface Mount IRED/Inner Lens Type
DNK1105W STANLEY-DNK1105W Datasheet
280Kb / 14P
Surface Mount IRED/Dome Lens Type
DNK1101W STANLEY-DNK1101W Datasheet
544Kb / 14P
Surface Mount IRED/Inner Lens Type
DN1102W STANLEY-DN1102W Datasheet
193Kb / 10P
Surface Mount IRED/Inner Lens Type
logo
Rohm
SML-S13VT ROHM-SML-S13VT Datasheet
326Kb / 12P
Surface mount Lens LEDs
SML-S13RT ROHM-SML-S13RT Datasheet
874Kb / 10P
Surface mount Lens LEDs
SML-S1X ROHM-SML-S1X Datasheet
1,002Kb / 12P
Surface mount Lens LEDs
2021.11 - Rev.014
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com