Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3983 Datasheet(PDF) 1 Page - Multicomp Pro

Part # 3983
Description  Crimp and Seal Terminal Kit - 115 Pcs
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

3983 Datasheet(HTML) 1 Page - Multicomp Pro

  3983 Datasheet HTML 1Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
Page <1>
V1.0
23/08/12
Crimp and Seal
Terminal Kit - 115 Pcs
Description
AWG
QTY
Part Number
Ring Tongue, #6 Stud
20-18
5
1665
Ring Tongue, #10 Stud
20-18
5
1667
Ring Tongue, #8 Stud
16-14
5
1669
Ring Tongue, #10 Stud
16-14
5
1670
Ring Tongue, 1/4" Stud
16-14
5
3977
Ring Tongue, 3/8" Stud
16-14
5
3979
Ring Tongue, #8 Stud
12-10
5
N/A
Ring Tongue, #10 Stud
12-10
5
3980
Ring Tongue, 1/4" Stud
12-10
5
3981
Ring Tongue, 3/8" Stud
12-10
5
3983
Fork Tongue, #10 Stud
20-18
5
1671
Fork Tongue, #10 Stud
16-14
5
1673
Fork Tongue, #10 Stud
12-10
5
N/A
Butt Wire Splice
20-18
10
1680
Butt Wire Splice
16-14
10
1681
Butt Wire Splice
12-10
10
1682
1/4" Female Fully Nylon Insulated
20-18
5
1677
1/4" Male Fully Nylon insulated
20-18
5
1674
1/4" Female Fully Nylon Insulated
16-14
5
1678
1/4" Male Fully Nylon Insulated
16-14
5
1675
Specifications:
Accessory Type
: 115 Piece Crimp and Seal Terminal Kit
For Use With
: Crimp and Seal Terminals
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Part Number Table


Similar Part No. - 3983

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
3983 ADAFRUIT-3983 Datasheet
1Mb / 3P
Mini Soft Touch Push-button Switches (6mm square) x 10 pack
1-3-19
logo
EAO AG.
3983339 EAO-3983339 Datasheet
116Kb / 2P
Data sheet Single-LED .
05/2023
More results

Similar Description - 3983

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
63825-1900 MOLEX11-63825-1900 Datasheet
39Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
63825-1500 MOLEX-63825-1500 Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110") Sealed Crimp Terminal, Male and Female
10-27-11
ATS-6381155HM MOLEX-ATS-6381155HM Datasheet
585Kb / 8P
Tool Kit for 3.56mm (.140) Crimp Terminal, Pin
05-24-11
ATS-6381156HM MOLEX-ATS-6381156HM Datasheet
591Kb / 8P
Tool Kit for 4.64mm (.183) Crimp Terminal, Pin
05-24-11
ATS-6382516HM MOLEX-ATS-6382516HM Datasheet
612Kb / 8P
Tool Kit for 2.80mm (.110) Crimp Terminal, Male and Female
08-17-12
ATS-6382519HM MOLEX-ATS-6382519HM Datasheet
645Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
01-24-12
ATS-6381172HM MOLEX-ATS-6381172HM Datasheet
642Kb / 8P
Tool Kit for Sabre??Flat Blade Crimp Terminal
09-09-10
ATS-6382515HM MOLEX-ATS-6382515HM Datasheet
549Kb / 8P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
10-27-11
0638251900 MOLEX-0638251900 Datasheet
23Kb / 1P
Tool Kit for 2.80mm (.110) Sealed Crimp Terminal, Male and Female
08/25/2022
AS-33012-002 MOLEX-AS-33012-002 Datasheet
999Kb / 22P
MX150 MAT SEAL / UNSEALED RECEPTACLE CRIMP TERMINAL
2015 / 07 / 13
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com