Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCSKB14-E Datasheet(PDF) 2 Page - Multicomp Pro

Part # MCSKB14-E
Description  Power Relay with LED
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MCSKB14-E Datasheet(HTML) 2 Page - Multicomp Pro

  MCSKB14-E Datasheet HTML 1Page - Multicomp Pro MCSKB14-E Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.1
10/06/22
Power Relay with LED
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Part Number Table
Description
Part Number
Relay, 2C, 5A, 24V DC with LED
MCJQX-13F-KE2C-24VDC
Relay, 2C, 5A, 24V AC with LED
MCJQX-13F-KE2C-24VAC
Relay, 2C, 5A, 110V AC with LED
MCJQX-13F-KE2C-110VAC
Relay, 2C, 5A, 230V AC with LED
MCJQX-13F-KE2C-230VAC
Relay, 4C, 3A, 24V DC with LED
MCJQX-13F-KE4C-24VDC
Relay, 4C, 3A, 24V AC,with LED
MCJQX-13F-KE4C-24VAC
Relay, 4C, 3A, 110V AC,with LED
MCJQX-13F-KE4C-110VAC
Relay, 4C, 3A, 230V AC,with LED
MCJQX-13F-KE4C-230VAC
Coil Type (25°C)
V DC Rated Voltage
24
-
-
Ω (±10%) Coil Resistance
630
-
-
V AC Rated Voltage
24
110
230
Ω (±10%) Coil Resistance
160
3750
15000
Dimension Bottom View
MCJQX-13F-KE2C-XXXX
28 Max.
21.5 Max.
2.5
MCJQX-13F-KE4C-XXXX
28 Max.
21.5 Max.
2.5
Dimensions : Millimetres
Recommended Accessories
Part Number
Description
MCSYF14A-E
Socket for JQX-13F-KE4C Relay
MCSYF14A
Socket for JQX-13F-KE4C Relay
MCSKF14-E
Socket for JQX-13F-KF4C Relay
MCSKB14-E
Socket for JQX-13F-KF4C Relay
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for 
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change 
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, 
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make 
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or 
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its 
negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com