Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WRC10MS Datasheet(PDF) 1 Page - ABCO ELECTRONICS CO.LTD

Part # WRC10MS
Description  POWER TYPE WIRE WOUND CEMENT RESISTOR WITH GLASS ROD
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCO [ABCO ELECTRONICS CO.LTD]
Direct Link  http://www.abco.co.kr/
Logo ABCO - ABCO ELECTRONICS CO.LTD

WRC10MS Datasheet(HTML) 1 Page - ABCO ELECTRONICS CO.LTD

  WRC10MS Datasheet HTML 1Page - ABCO ELECTRONICS CO.LTD WRC10MS Datasheet HTML 2Page - ABCO ELECTRONICS CO.LTD WRC10MS Datasheet HTML 3Page - ABCO ELECTRONICS CO.LTD WRC10MS Datasheet HTML 4Page - ABCO ELECTRONICS CO.LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
86
Specifications given herein may be changed at any time without prior notice. Please confirm technical specifications before your order and/or use.
Power
Resistance Range
Type
Rating
E-24-J(
± 5%) or G(± 2%)
Dimensions(mm)
WCR
WMR
A
± 1.0
B
± 1.0
C
± 1.0
P
± 1.0
d
A
± 0.2
B
± 0.2
C
± 1
D
± 0.5
E
± 0.3
F
± 0.5
G
± 0.5
W
×
×H×
×L(mm)
9.8
×
×29.2×
×580
Remarks
D
C
A
12.7
± 1.0
9
± 0.5
10
± 1.0
18+1.0
-0.5
1.0Max.
5
± 0.8
B
1.5Max
12.7
± 0.3
¿4.0 ± 0.3
WRC 2R
2W
0.1-20
20-100K
11
7.5
20.5
5.0
0.8
WRC 3R
3W
0.1-20
20-100K
11
7.5
20.5
5.0
0.8
WRC 5R
5W
0.1-50
50-100K
12.7
10
25.4
5.0
0.8
WRC 7R
7W
0.1-100
100-100K
12.7
10
38.6
5.0
0.8
2RT
5.0
3.0
20.5
11.0
3.5
4.5
7.5
3RT
5.0
3.0
20.5
11.0
3.5
4.5
7.5
■R-TYPE
■RT-TYPE
■DIMENSIONS
• POWER TYPE WIRE WOUND CEMENT RESISTOR WITH GLASS ROD
→
→WGR
• POWER TYPE WIRE WOUND CEMENT RESISTOR WITH CERAMIC ROD
→
→WCR
• POWER TYPE CEMENT RESISTOR WITH METAL OXIDE FILM RESISTOR
→
→WMR
Q’ty(PCS)
50
2W,3W
40
5W
■STICK CASE
A
C
d
P
B
3.81Min
C
G
F
E
4.2
A
6.4
14
21.2
29.2
27.6
B
8.2
9.8
D
Unit: mm
WRC SERIES


Similar Part No. - WRC10MS

ManufacturerPart #DatasheetDescription
logo
Stackpole Electronics, ...
WRC1 SEI-WRC1 Datasheet
255Kb / 4P
Conformal Coated Welded Wirewound Resistor
11/23/2020
logo
ETA-USA
WRC12SX-U ETA-USA-WRC12SX-U Datasheet
468Kb / 4P
75 WATT AC/DC CONVERTER
WRC15SX-U ETA-USA-WRC15SX-U Datasheet
468Kb / 4P
75 WATT AC/DC CONVERTER
logo
Stackpole Electronics, ...
WRC1JA10L0 SEI-WRC1JA10L0 Datasheet
255Kb / 4P
Conformal Coated Welded Wirewound Resistor
11/23/2020
WRC1JA10R0 SEI-WRC1JA10R0 Datasheet
255Kb / 4P
Conformal Coated Welded Wirewound Resistor
11/23/2020
More results

Similar Description - WRC10MS

ManufacturerPart #DatasheetDescription
logo
RFE international
HRWA10W-10R-J-HS RFE-HRWA10W-10R-J-HS Datasheet
117Kb / 2P
HIGH POWER WIRE WOUND RESISTOR HRW Series: Non-Flammable, Wire Wound
logo
MERITEK ELECTRONICS COR...
MCT MERITEK-MCT Datasheet
120Kb / 1P
Cement Resistor With Thermal Cut-Off
MPR MERITEK-MPR Datasheet
188Kb / 2P
Metal Plate Resistor Cement Type
logo
Panasonic Semiconductor
ELL-6UH390M PANASONIC-ELL-6UH390M Datasheet
96Kb / 3P
Power Inductors / Wire Wound type
logo
UNIOHM CORPORATION
R-10W UNIOHM-R-10W Datasheet
488Kb / 1P
Power Type Wire Wound Resistors Non Flammable Wire Wound Resistor
logo
Token Electronics Indus...
KNP-R TOKEN-KNP-R Datasheet
436Kb / 5P
Power Wire wound Resistor
logo
TE Connectivity Ltd
9-1773453-2 TEC-9-1773453-2 Datasheet
286Kb / 5P
High Power Wire Wound Resistor
C-1879448 TEC-C-1879448 Datasheet
172Kb / 1P
HIGH POWER WIRE WOUND RESISTOR TYPE TE300 SERIES
logo
RFE international
HM2A80W-10R-J-250 RFE-HM2A80W-10R-J-250_V01 Datasheet
598Kb / 2P
HIGH POWER WIRE WOUND RESISTOR
2020.02.17
HQA10W-10R-J-HS RFE-HQA10W-10R-J-HS_V01 Datasheet
595Kb / 2P
HIGH POWER WIRE WOUND RESISTOR
2020.02.24
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com