Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS70T300 Datasheet(PDF) 8 Page - STMicroelectronics

Part # GS70T300
Description  70W/100W DC-DC CONVERTERS FAMILY
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GS70T300 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button GS70T300 Datasheet HTML 2Page - STMicroelectronics GS70T300 Datasheet HTML 3Page - STMicroelectronics GS70T300 Datasheet HTML 4Page - STMicroelectronics GS70T300 Datasheet HTML 5Page - STMicroelectronics GS70T300 Datasheet HTML 6Page - STMicroelectronics GS70T300 Datasheet HTML 7Page - STMicroelectronics GS70T300 Datasheet HTML 8Page - STMicroelectronics GS70T300 Datasheet HTML 9Page - STMicroelectronics GS70T300 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Package R; dimensions in mm (inches)
CONNECTION DIAGRAM AND MECHANICAL DATA
Figure 1.
8/10
PIN DESCRIPTION
Pin
Function
Description
1
ENABLE
The converter is ON (Enable) when the voltage applied to this pin with reference to pin 2 is
lower than 1.2V. The converter is OFF (Inhibit) for a control voltage in the range of 2.1 to
5V. When the pin is unconnected the converter is OFF (Inhibit).
2
- Vin
Negative input voltage.
3
+ Vin
Positive input voltage. Unregulated input voltage in the range of 200 to 400Vdc must be
applied between pin 2-3.
4,5
+ Vo
+Vo output voltage.
6,7
- Vo
+Vo output voltage return.
8
+ SENSE
Senses the remote load high side. To be connected to pins 4,5 when remote sense is not
used.
9
- SENSE
Senses the remote load return. To be connected to pins 6,7 when remote sense is not
used.
10
ADJ
Adjust output voltage pin. A voltage generator between the ADJ. pin and -SENSE pin sets
the Vo. When unconnected Vo is at nominal value (see fig. 2).
GS70/100T300 Family



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com