Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST15H100SB Datasheet(PDF) 1 Page - STMicroelectronics

Part # STPST15H100SB
Description  100 V - 15 A DPAK power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST15H100SB Datasheet(HTML) 1 Page - STMicroelectronics

  STPST15H100SB_V01 Datasheet HTML 1Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 2Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 3Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 4Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 5Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 6Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 7Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 8Page - STMicroelectronics STPST15H100SB_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
•
High junction temperature capability
•
Low forward voltage drop
•
Low recovery charges
•
Reduces conduction, reverse and switching losses
•
Avalanche tested
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
LED lighting
•
Flyback topology
•
Auxiliary power supply
•
Switch mode power supply (SMPS)
Description
This 15 A, 100 V rectifier is based on ST trench technology that achieves the best-in-
class VF/IR trade-off for a given silicon surface.
Integrated in a DPAK package, this STPST15H100SB trench rectifier is intended to
be used in high frequency miniature switched mode power supplies. It is also an ideal
candidate for auxiliary power supply in telecom, server, or smart metering. ST trench
rectifiers are adapted to freewheeling, OR-ring or reverse polarity protection
applications, and can be the perfect companion device to our transistors, drivers, or
ST VIPer products.
A
K
A
A
A
K
DPAK
Product label
Product status link
STPST15H100SB
Product summary
IF(AV)
15 A
VRRM
100 V
Tj (max.)
175 °C
VF (typ.)
0.595 V
100 V - 15 A DPAK power Schottky trench rectifier
STPST15H100SB
Datasheet
DS14180 - Rev 2 - July 2023
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STPST15H100SB_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST15H100SB-TR STMICROELECTRONICS-STPST15H100SB-TR Datasheet
405Kb / 9P
100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
532Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
24-Jul-2023
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y_V01 Datasheet
532Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
24-Jul-2023
STPST15H100SBYTR STMICROELECTRONICS-STPST15H100SBYTR Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
More results

Similar Description - STPST15H100SB_V01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPST10H100SB-Y STMICROELECTRONICS-STPST10H100SB-Y Datasheet
395Kb / 9P
Automotive 100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST10H100SB STMICROELECTRONICS-STPST10H100SB Datasheet
391Kb / 9P
100 V - 10 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB-Y STMICROELECTRONICS-STPST15H100SB-Y Datasheet
409Kb / 9P
Automotive 100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST15H100SB STMICROELECTRONICS-STPST15H100SB Datasheet
405Kb / 9P
100 V - 15 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST1H100 STMICROELECTRONICS-STPST1H100 Datasheet
443Kb / 12P
100 V - 1 A power Schottky trench rectifier
02-Jan-2023
STPST2H100 STMICROELECTRONICS-STPST2H100 Datasheet
509Kb / 14P
100 V - 2 A power Schottky trench rectifier
16-Dec-2022
STPST5H100 STMICROELECTRONICS-STPST5H100 Datasheet
651Kb / 14P
100 V - 5 A power Schottky trench rectifier
02-Jan-2023
STPST5H100SB-Y STMICROELECTRONICS-STPST5H100SB-Y Datasheet
396Kb / 9P
Automotive 100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST5H100SB STMICROELECTRONICS-STPST5H100SB Datasheet
392Kb / 9P
100 V - 5 A DPAK power Schottky trench rectifier
16-Dec-2022
STPST8H100 STMICROELECTRONICS-STPST8H100 Datasheet
492Kb / 9P
100 V - 8 A power Schottky trench rectifier
02-Jan-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com