Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2L06-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH2L06-Y
Description  Automotive 2 A - 600 V turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2L06-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH2L06-Y Datasheet HTML 1Page - STMicroelectronics STTH2L06-Y Datasheet HTML 2Page - STMicroelectronics STTH2L06-Y Datasheet HTML 3Page - STMicroelectronics STTH2L06-Y Datasheet HTML 4Page - STMicroelectronics STTH2L06-Y Datasheet HTML 5Page - STMicroelectronics STTH2L06-Y Datasheet HTML 6Page - STMicroelectronics STTH2L06-Y Datasheet HTML 7Page - STMicroelectronics STTH2L06-Y Datasheet HTML 8Page - STMicroelectronics STTH2L06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
1.1
Electrical characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
δ = 1
δ = 0.05 δ = 0.1
0.2
δ =
0.5
δ =
IF(AV)(A)
T
δ =tp/T
tp
Figure 2. Forward voltage drop versus forward current
(typical values)
IF(A)
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
= 25°C
Tj
Tj = 150°C
F
V (V)
Figure 3. Forward voltage drop versus forward current
(maximum values)
IF(A)
0.01
0.10
1.00
10.00
0.0
0.2
0.4
0.8
0.6
1.2
1.0
1.4
1.6
2.0
1.8
F
V (V)
Tj = 25°C
150°C
Tj =
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
Zth(j- ) /Rth(j-
l
l )
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Single pulse
tp(s)
Figure 5. Peak reverse recovery current versus dIF/dt
(typical values)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0
100
50
150
200
250
300
350
400
450
500
dIF/dt A/µ
(
s)
I = 2 x I
F
F(av)
IF = IF(av)
I = 0.5 x I
F
F(av)
VR = 400 V
= 125 °C
Tj
RM
I
(A)
Figure 6. Reverse recovery time versus dIF/dt (typical
values)
RR
t
n
(
)
s
0
50
100
150
200
250
300
350
400
450
500
0
50
100
150
200
250
300
350
400
450
500
dIF/dt A/µ
(
s)
VR = 400 V
°C
Tj = 125
I = 2 x I
F
F(av)
I = I
F
F(av)
0.5 x
IF =
I (av)
F
STTH2L06-Y
Electrical characteristics (curves)
DS10490 - Rev 2
page 3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com