Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH2R06-Y Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH2R06-Y
Description  Automotive 2 A - 600 V turbo 2 ultrafast rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH2R06-Y Datasheet(HTML) 4 Page - STMicroelectronics

  STTH2R06-Y Datasheet HTML 1Page - STMicroelectronics STTH2R06-Y Datasheet HTML 2Page - STMicroelectronics STTH2R06-Y Datasheet HTML 3Page - STMicroelectronics STTH2R06-Y Datasheet HTML 4Page - STMicroelectronics STTH2R06-Y Datasheet HTML 5Page - STMicroelectronics STTH2R06-Y Datasheet HTML 6Page - STMicroelectronics STTH2R06-Y Datasheet HTML 7Page - STMicroelectronics STTH2R06-Y Datasheet HTML 8Page - STMicroelectronics STTH2R06-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Figure 7. Reverse recovery charges versus dIF/dt (typical
values)
RR
Q
n
(
)
C
0
50
100
150
200
250
300
350
400
0
100
200
300
400
500
VR = 400 V
Tj = 125 °C
I = 2 x I
F
F(av)
I = I
F
F(av)
IF = 0.5 x I (av)
F
dIF/dt A/µ
(
s)
Figure 8. Relative variation of dynamic parameters versus
junction temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
25
50
75
100
125
QRR
tRR
IRM
I = I
F
F(av)
VR = 400 V
Reference: T j = 125 °C
j
T °C
(
)
Figure 9. Transient peak forward voltage versus dIF/dt
(typical values)
0
2
4
6
8
10
12
20
40
60
80
100
120
140
160
180
200
dIF/dt A/µ
(
s)
F
I = IF(AV)
Tj = 125 °C
FP
V
V
( )
Figure 10. Forward recovery time versus dIF/dt (typical
values)
tFR(ns)
0
20
40
60
80
100
120
20
40
60
80
100
120
140
160
180
200
F
I = IF(AV)
VFR = 2.5 V
Tj = 125 °C
dIF/dt A/µ
(
s)
Figure 11. Junction capacitance versus reverse voltage
applied (typical values)
C(pF)
1
10
100
1
10
100
1000
VR(V)
F = 1 MHz
Vosc = 30 mVRMS
Tj = 25 °C
Figure 12. Thermal resistance junction to ambient versus
copper surface under each lead
0
30
60
90
120
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
SMB-Flat
SCu(cm²)
Epoxy printed board FR4, copper thickness: 70 μm
STTH2R06-Y
Electrical characteristics (curves)
DS10492 - Rev 2
page 4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com