Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3L06-Y Datasheet(PDF) 9 Page - STMicroelectronics

Part # STTH3L06-Y
Description  Automotive 3 A - 600 V turbo 2 ultrafast rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3L06-Y Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STTH3L06-Y_V01 Datasheet HTML 2Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 3Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 4Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 5Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 6Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 7Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 8Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 9Page - STMicroelectronics STTH3L06-Y_V01 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Revision history
Table 6. Document revision history
Date
Version
Changes
04-Aug-2014
1
Initial release.
11-Apr-2022
2
Updated Section 2.1 SMB Flat package information.
STTH3L06-Y
DS10493 - Rev 2
page 9/10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com