Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH18809 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # AH18809
Description  ULTRA-MINIATURE SWITCHES WITH HIGH PRECISION
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AH18809 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  AH18809 Datasheet HTML 1Page - Panasonic Semiconductor AH18809 Datasheet HTML 2Page - Panasonic Semiconductor AH18809 Datasheet HTML 3Page - Panasonic Semiconductor AH18809 Datasheet HTML 4Page - Panasonic Semiconductor AH18809 Datasheet HTML 5Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
AH1
2
ds_62003_0102_en_ah1: 010314J
2. Straight PC board terminal
3. Solder terminal
4. PC board right angle terminal
5. PC board left angle terminal
Remarks: 1. The appearance of right and left angle types are as below.
2. Standard packing: 50 pcs./tube.
3. Please consult us for the delivery schedule of PC board terminal SPST-NO type.
APPLICABLE CURRENT RANGE
Actuators
Operating force,
max.
Standard
(AgNi alloy contact)
Low-level circuit
(AgNi alloy + Gold-clad contact)
SPDT
SPDT
Pin plunger
0.74 N
AH15809
AH1580619
1.47 N
AH15609
AH1560619
Hinge lever
0.25 N
AH15829
AH1582619
0.49 N
AH15629
AH1562619
Simulated roller lever
0.26 N
AH15849
AH1584619
0.54 N
AH15649
AH1564619
Actuators
Operating force,
max.
Standard
(AgNi alloy contact)
Low-level circuit
(AgNi alloy + Gold-clad contact)
SPDT
SPDT
Pin plunger
0.74 N
AH16809
AH1680619
1.47 N
AH16609
AH1660619
Hinge lever
0.25 N
AH16829
AH1682619
0.49 N
AH16629
AH1662619
Simulated roller lever
0.26 N
AH16849
AH1684619
0.54 N
AH16649
AH1664619
Actuators
Operating force,
max.
Standard
(AgNi alloy contact)
Low-level circuit
(AgNi alloy + Gold-clad contact)
SPDT
SPDT
Pin plunger
0.74 N
AH17809
AH1780619
1.47 N
AH17609
AH1760619
Hinge lever
0.25 N
AH17829
AH1782619
0.49 N
AH17629
AH1762619
Simulated roller lever
0.26 N
AH17849
AH1784619
0.54 N
AH17649
AH1764619
Actuators
Operating force,
max.
Standard
(AgNi alloy contact)
Low-level circuit
(AgNi alloy + Gold-clad contact)
SPDT
SPDT
Pin plunger
0.74 N
AH18809
AH1880619
1.47 N
AH18609
AH1860619
Hinge lever
0.25 N
AH18829
AH1882619
0.49 N
AH18629
AH1862619
Simulated roller lever
0.26 N
AH18849
AH1884619
0.54 N
AH18649
AH1864619
Right angle
Left angle
Contact
Standard type
(AgNi alloy)
Low-level circuit type
(AgNi alloy + Gold-clad)
Applicable current range
Max. operating force for operation (at pin plunger)
1 mA
0.1A
1 A
3 A
N
4
7
.
0N
7
4
.
1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com