Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

04010KA Datasheet(PDF) 1 Page - NMB Technologies Corporation

Part # 04010KA
Description  DC Axial Fans
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NMB [NMB Technologies Corporation]
Direct Link  https://nmbtc.com/
Logo NMB - NMB Technologies Corporation

04010KA Datasheet(HTML) 1 Page - NMB Technologies Corporation

  04010KA Datasheet HTML 1Page - NMB Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Motor Protection:
Auto Restart/Polarity Protection
Insulation Resistance:
10M Ω or over with a DC500V Megger
Dielectric Withstand Voltage: AC 700V 1s
Allowable Ambient Temperature Range:
-10°C ~ +70°C (Operating)
-40°C ~ +70°C (Storage)
(non-condensing environment)
2
General Specifications
Characteristic Curves
Legacy Part No. 1604KL
Outline
Panel Cut-Outs
inch
(mm)
Units:
04010KA (40 X 10L)
Material
Casing : Plastic (Black) UL94V-0
Impeller : Plastic (Black) UL94V-0
Bearing : Ball Bearing
Lead Wire : UL1061, AWG26, +Red, -Black
Expected Life
Failure Rate: 10%
25°C
60,000 Hours
0
0.05
0.10
0.15
0.20
0.25
16
32
48
64
80
Ps
(Pa)
Air Flow
(m3/min)
CFM
In H2O
8.8
7.0
5.3
3.5
1.76
.06
.12
.19
.26
.32
N
M
L
8 – R3.0
AIR
.09
(2.3)
.10
(2.7)
NAME PLATE
1.26
(32.0 0.2)
1.57
(40.0 0.3)
.138
4 – (φ3.5)
ROTATION
.39
(10.0 0.5)
Rib Type Only
4– (φ3.5)
1.26
(32.0)
1.52
(38.6)
.138
INLET SIDE / OUTLET SIDE
Rotation: Clockwise
Airflow Outlet: Air Out Over Struts
*1: Average Values in Free Air
Note: Locked Rotor/Tach Available
Specifications
Rated
Operating Current
Input
Speed
Max.
Max. Static
Noise
Mass
MODEL
LEGACY P/N
Voltage
Voltage
Power
Air Flow
Pressure
(V)
(V)
(A)*1
(W)*1
(min-1)*1
CFM*1 (m3/min)*1 in H2O
(Pa)*1
(dB)*1
(g)
04010KA-05L-AA-00
1604KL-01W-B30-B00
5
4.5 ~ 5.5
0.075
0.375
4500
4.2
0.12
.096
24.0
22.0
15
04010KA-05M-AA-00
1604KL-01W-B40-B00
5
4.5 ~ 5.5
0.120
0.600
5500
5.3
0.15
.136
34.0
25.0
15
04010KA-05N-AA-00
1604KL-01W-B50-B00
5
4.5 ~ 5.5
0.155
0.775
6500
6.0
0.17
.184
46.0
29.0
15
04010KA-12L-AA-00
1604KL-04W-B30-B00
12
10.2 ~ 13.8
0.062
0.744
4500
4.2
0.12
.096
24.0
22.0
15
04010KA-12M-AA-00
1604KL-04W-B40-B00
12
10.2 ~ 13.8
0.073
0.876
5500
5.3
0.15
.136
34.0
25.0
15
04010KA-12N-AA-00
1604KL-04W-B50-B00
12
10.2 ~ 13.8
0.073
0.876
6500
6.0
0.17
.184
46.0
29.0
15
NMBTC.COM / 248.919.2250


Similar Part No. - 04010KA

ManufacturerPart #DatasheetDescription
logo
V-COIL THREAD SYSTEM
04010 V-COIL-04010 Datasheet
1Mb / 1P
Thread-Repair-Kits
logo
PHOENIX CONTACT
0401023 PHOENIX-0401023 Datasheet
63Kb / 4P
Power terminal block, Connection method Screw connection, Load current : 125 A, Cross section: 0.75 mm짼 - 35 mm짼, Width: 12 mm,
logo
Weidmuller
0401060000 WEIDMULLER-0401060000 Datasheet
1Mb / 52P
SAK-series
logo
Zibo Seno Electronic En...
04010BQ ZSELEC-04010BQ Datasheet
132Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - 04010KA

ManufacturerPart #DatasheetDescription
logo
ETRI
158DL5LP11000 ETRI-158DL5LP11000 Datasheet
220Kb / 1P
DC Axial Fans
230DL1LP11000 ETRI-230DL1LP11000 Datasheet
211Kb / 1P
DC Axial Fans
246DS1LP11000 ETRI-246DS1LP11000 Datasheet
183Kb / 1P
DC Axial Fans
260DL5LP11000 ETRI-260DL5LP11000 Datasheet
203Kb / 1P
DC Axial Fans
281DL1LP11000B ETRI-281DL1LP11000B Datasheet
159Kb / 1P
DC Axial Fans
282DL1LP11000 ETRI-282DL1LP11000 Datasheet
213Kb / 1P
DC Axial Fans
291DL5LP11000 ETRI-291DL5LP11000 Datasheet
212Kb / 1P
DC Axial Fans
299DL1LP11000 ETRI-299DL1LP11000 Datasheet
184Kb / 1P
DC Axial Fans
352DS1LM11000 ETRI-352DS1LM11000 Datasheet
190Kb / 1P
DC Axial Fans
logo
List of Unclassifed Man...
F1238S-H ETC2-F1238S-H Datasheet
350Kb / 1P
DC AXIAL FANS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com