Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PINLED Datasheet(PDF) 1 Page - Wakefield Thermal, Inc.

Part # PINLED
Description  LED Heat Sinks
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WAKEFIELDTHERMAL [Wakefield Thermal, Inc.]
Direct Link  https://wakefieldthermal.com/
Logo WAKEFIELDTHERMAL - Wakefield Thermal, Inc.

PINLED Datasheet(HTML) 1 Page - Wakefield Thermal, Inc.

  PINLED Datasheet HTML 1Page - Wakefield Thermal, Inc. PINLED Datasheet HTML 2Page - Wakefield Thermal, Inc. PINLED Datasheet HTML 3Page - Wakefield Thermal, Inc. PINLED Datasheet HTML 4Page - Wakefield Thermal, Inc. PINLED Datasheet HTML 5Page - Wakefield Thermal, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
LED Heat Sinks
PINLED Heat Sink
www.wakefield-vette.com
Wakefield- Vette’s PinLED is designed with 99.7% high-purity
aluminum cold forging process. The design of the series is
simple and gorgeous, and the blade is cylindrical, which makes
the convection heat dissipation reasonable. This is compatible
with Light Modules such as Edison, Xicato, Bridgelux, Osram,
Lumileds, Cree, Tridonic, LG, Lustrous, Prolight, Samsung,
SHARP, Luminus and Philips.
Features:
•
Mechanical compatibility with direct mounting of the LED
modules to the LED cooler and thermal performance matching
the lumen packages
•
Several Diameters, Several Standard heights
•
Forged from highly conductive aluminum
•
Black Anodized
•
Blank surface with no holes to mount any device listed below
• Xicato XSM, XIM,XTM
• Bridgelux ESS, ESR, Vero 10, Vero 13, Vero 18 V-series
• Citizen CLL024-CLU028, CLL034-CLU038
• Cree XLamp CXA13xx, CXA15xx, CSA18xx
• Lumileds Luxeon COB's 1203, 1204, 1205, Luxeon K arrays K12, K16
• Osram PrevaLED Core, SOLERIQ P and SOLERIQ S LED engines
• Seoul Semiconductor ZC6, ZC12, ZC18, ZC25
• Tridonic TALEXXmodule SLE modules
• LG Innotek LEMWM18 10W, 13W, 17W
• Edison EdiLex SLM and EdiLex II COB LED engines
• Lustrous LUSTRON 6 series LL604F, LL608D, LL613F, LL620F
• Prolight Opto PABS, PABA, PACB, PANA
• Samung LC013, LC019, LC026 COB LED engines
• SHARP Mini Zenigata Intermo and Mega Zenigata LED engines
• Philips Fortimo SLM LED engines
• Vossloh-Schwabe LUGA Shop LED engines
• Luminus C##9, C##14 LED engines
Compatible with:


Similar Part No. - PINLED

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
PIN-001 INTERPOINT-PIN-001 Datasheet
36Kb / 2P
ACCESSORY PIN TERMINAL ADAPTOR
logo
Crane Aerospace & Elect...
PIN-001 CRANE-PIN-001 Datasheet
36Kb / 2P
ACCESSORY PIN TERMINAL ADAPTOR
logo
Amphenol Industrial Pro...
PIN-08-25 AIO-PIN-08-25 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
PIN-08-35 AIO-PIN-08-35 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
PIN-08-50 AIO-PIN-08-50 Datasheet
2Mb / 6P
ePower Connectors
HKA 2015
More results

Similar Description - PINLED

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
7G-0011A RECOM-7G-0011A Datasheet
66Kb / 2P
Powerline Heat-Sinks
logo
CTS Corporation
AER19-19-12CB CTS-AER19-19-12CB Datasheet
169Kb / 4P
AER Forged Heat Sinks
APR19-19-12CB CTS-APR19-19-12CB Datasheet
166Kb / 3P
Forged Heat Sinks
CPR19-19-12U CTS-CPR19-19-12U Datasheet
155Kb / 3P
Forged Copper Heat Sinks
logo
Dielectric Laboratories...
S30AG250KY1234 DILABS-S30AG250KY1234 Datasheet
604Kb / 2P
HEAT SINKS AND STANDOFFS
logo
List of Unclassifed Man...
PF185G ETC2-PF185G Datasheet
51Kb / 1P
UNIVERSAL HEAT SINKS
7-362-BA ETC2-7-362-BA Datasheet
169Kb / 1P
Standard Heat Sinks
logo
Picker Components
PCH PICKER-PCH_15 Datasheet
617Kb / 3P
Heat Sinks
logo
Advanced Thermal Soluti...
ATS-1041-C1-R0 ATS-ATS-1041-C1-R0 Datasheet
435Kb / 1P
High Performance Heat Sinks
REV3_052912
ATS-1042-C2-R0 ATS-ATS-1042-C2-R0 Datasheet
428Kb / 1P
High Performance Heat Sinks
REV3_052912
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com