Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TL212 Datasheet(PDF) 1 Page - Mellert SLT GmbH & Co. KG

Part # TL212
Description  WORK - LITE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MELLERT [Mellert SLT GmbH & Co. KG]
Direct Link  
Logo MELLERT - Mellert SLT GmbH & Co. KG

TL212 Datasheet(HTML) 1 Page - Mellert SLT GmbH & Co. KG

  TL212 Datasheet HTML 1Page - Mellert SLT GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Ersatzbirne / Spare Bulb / Ampoule de
rechange / Bombilla de repuesta
PX13,5s / 3,6 V / 0,75 A
2 Jahre Garantie ausgenommen Glühbirne / 2 Years Guarantee except illuminant /
2 Ans Garantie sauf ampoule / 2 Anos Garantia sin bombilla
Zubehör / Accessories / Accessoires /
Accesorios
Haltebügel / Retainer / Arrêtoir / Apayo la percha
Technische Details / Technical Details /
Détails Techniques / Detalles técnicos:
Leuchtmittel / Bulb / Ampoule / Bombilla
Batterie/Batteries/Piles/Pilas
Leuchtweite / Range / Portée / Distancia
de la luz
1 x Krypton
100 m
5 h
1 x 3LR12 7 4,5 V
Leuchtdauer / Burn time / Autonomie /
Tiempo de duracion
Mellert SLT GmbH & Co. KG
⋅⋅⋅⋅ Langenmorgen 2 ⋅⋅⋅⋅ D-75015 Bretten/Germany
Tel. +49 (0)7252 / 505 - 0
⋅⋅⋅⋅ Fax +49 (0)7252 / 505 -10 ⋅⋅⋅⋅ www.mellert-slt.com
94 g
Les équipements électriques ou électroniques et les piles
contiennent des substances nuisibles à la santé et à
l’environnement. Ceux-ci ne doivent pas être jetés avec vos
déchets ménagers mais dans des dépôts spécifiques
85.590.-941.00
ON / OFF
ON / OFF
ON / OFF
ON / OFF


Similar Part No. - TL212

ManufacturerPart #DatasheetDescription
logo
Power-One
TL2105PIS POWER-ONE-TL2105PIS Datasheet
411Kb / 2P
SIP/SIE 500 NON-ISOLATED SERIES
logo
Transko Electronics, In...
TL21120AS1 TRANSKO-TL21120AS1 Datasheet
546Kb / 4P
211.20 MHz IF SAW Filter / 20.84 MHz Bandwidth
Revision 0: 24 Mar. 2008
logo
Toshiba Semiconductor
TL21W01-D TOSHIBA-TL21W01-D Datasheet
274Kb / 14P
LED Lamps InGaN and Phosphor
TL21W01-D1 TOSHIBA-TL21W01-D1 Datasheet
274Kb / 14P
LED Lamps InGaN and Phosphor
TL21W01-L TOSHIBA-TL21W01-L Datasheet
278Kb / 14P
LED Lamps InGaN and Phosphor
More results

Similar Description - TL212

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT90SC6404RT ATMEL-AT90SC6404RT Datasheet
939Kb / 65P
Security Target Lite
logo
Honeywell Solid State E...
BG-12LX HONEYWELL-BG-12LX Datasheet
207Kb / 2P
FIRE-LITE ALARMS
logo
Lite-On Technology Corp...
LTV-817S-B LITEON-LTV-817S-B Datasheet
600Kb / 15P
LITE-ON TECHNOLOGY CORPORATION Property of LITE-ON Only
logo
List of Unclassifed Man...
0103B ETC2-0103B Datasheet
356Kb / 8P
7190 Series Work Station Parts
1868E ETC2-1868E Datasheet
575Kb / 3P
Work area cable
1868ENH ETC2-1868ENH Datasheet
575Kb / 3P
Work area patch cable
logo
Banner Engineering Corp...
WL50-2 BANNER-WL50-2_V01 Datasheet
348Kb / 5P
WL50-2 LED Work Light
WL50S BANNER-WL50S_V02 Datasheet
287Kb / 5P
WL50S High-Intensity Work Spot Light
WLA BANNER-WLA Datasheet
383Kb / 4P
WLA Series Encapsulated Work Light
WLA BANNER-WLA_V01 Datasheet
592Kb / 4P
WLA Series Work Light
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com