Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV1805DBVR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLV1805DBVR
Description  TLV1805 40V, Rail-to-Rail Input, Push-Pull Output, High Voltage Comparator with Shutdown
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV1805DBVR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV1805DBVR Datasheet HTML 17Page - Texas Instruments TLV1805DBVR Datasheet HTML 18Page - Texas Instruments TLV1805DBVR Datasheet HTML 19Page - Texas Instruments TLV1805DBVR Datasheet HTML 20Page - Texas Instruments TLV1805DBVR Datasheet HTML 21Page - Texas Instruments TLV1805DBVR Datasheet HTML 22Page - Texas Instruments TLV1805DBVR Datasheet HTML 23Page - Texas Instruments TLV1805DBVR Datasheet HTML 24Page - Texas Instruments TLV1805DBVR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
+
±
+
±
RX
100 NŸ
RY
100 NŸ
RH
576 NŸ
5 V
VOUT
5 V
VIN
21
TLV1805
www.ti.com
SNOSD50A – DECEMBER 2018 – REVISED JANUARY 2020
Product Folder Links: TLV1805
Submit Documentation Feedback
Copyright © 2018–2020, Texas Instruments Incorporated
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The TLV1805 family of devices can be used in a wide variety of applications, such as MOSFET gate drivers,
zero crossing detectors, window comparators, over and undervoltage detectors, and high-side voltage sense
circuits.
8.2 Typical Applications
Comparators are used to differentiate between two different signal levels. For example, a comparator
differentiates between an over-temperature and normal-temperature condition. However, noise or signal variation
at the comparison threshold causes multiple transitions. This application example sets upper and lower
hysteresis thresholds to eliminate the multiple transitions caused by noise.
Figure 66. Comparator with Hysteresis
8.2.1 Design Requirements
The design requirements are as follows:
•
Supply voltage: 5 V
•
Input: 0 V to 5 V
•
Lower threshold (VL) = 2.3 V ±0.1 V
•
Upper threshold (VH) = 2.7 V ±0.1 V
•
VH – VL = 2.4 V ±0.1 V
•
Low-power consumption
8.2.2 Detailed Design Procedure
A small change to the comparator circuit can be made to add hysteresis. Hysteresis uses two different threshold
voltages to avoid the multiple transitions introduced in the previous circuit. The input signal must exceed the
upper threshold (VH) to transition low, or below the lower threshold (VL) to transition high.
Figure 66 illustrates hysteresis on a comparator. Resistor RH sets the hysteresis level.
When the output is at a logic high (5 V), RH is in parallel with RX. This configuration drives more current into Ry,
and raises the threshold voltage (VH) to 2.7 V. The input signal must drive above VH = 2.7 V to cause the output
to transition to logic low (0 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com