Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK2S Datasheet(PDF) 3 Page - TUK Ltd

Part # FACK2S
Description  LOW PROFILE PANEL MOUNT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK2S Datasheet(HTML) 3 Page - TUK Ltd

  FACK2S Datasheet HTML 1Page - TUK Ltd FACK2S Datasheet HTML 2Page - TUK Ltd FACK2S Datasheet HTML 3Page - TUK Ltd FACK2S Datasheet HTML 4Page - TUK Ltd FACK2S Datasheet HTML 5Page - TUK Ltd FACK2S Datasheet HTML 6Page - TUK Ltd FACK2S Datasheet HTML 7Page - TUK Ltd FACK2S Datasheet HTML 8Page - TUK Ltd FACK2S Datasheet HTML 9Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TUK Ltd
LOW PROFILE PANEL MOUNT RANGE
Code
Description
Dimensions - Weight
(L x W x H mm)
Link to Keystone’s
Specification
EAN Numbers
FACK2SBpm
Category 5e female to female coupler, shielded
29.7 x 19 x 35 – 19.5g
FACK2S
5055386509390
FACK4Bpm
Category 5e unshielded compact coupler
29.5 x 19 x 35 – 8.5g
FACK4
5055386509406
FKFBpm
Category 5e tool-less IDC socket, unshielded
37 x 19 x 35 – 8.5g
FKF
5055386509413
KBNC1275Bpm
BNC coupler Ultra HD 75 ohm 12Ghz
32.5 x 19 x 35 – 12.5g
KBNC1275
5055386509468
KBNC50Bpm
BNC 50-ohm female to female coupler
32.5 x 19 x 35 – 18.5g
KBNC50
5055386509475
KCF3GBpm
3G F connector female to female coupler
25.5 x 19 x 35 – 8.5g
KCF3G
5055386509857
KCHDBpm
HDMI female to female coupler
19.8 x 19 x 35 – 10.5g
KCHD
5055386509482
KCK66Bpm
RJ12 6p6c coupler
26.5 x 19 x 35 – 6.5g
KCK66BKne
5055386509703
KCUAA2Bpm
USB2 A female to A female coupler
35.5 x 19 x 35 – 10.5g
KCUAA2
5055386509499
KCUABBpm
USB2 A female to B female adaptor, reversible
34.4 x 19 x 35 – 10.5g
KCUAB
5055386509505
KOLADXBpm
Fibre female to female coupler, LC APC to LC APC, single mode duplex
35 x 19 x 35 – 6.5g
KOLADX
5055386509512
KOLMMDXBpm
Fibre female to female coupler LC to LC, multi mode duplex
33 x 19 x 35 – 6.5g
KOLMMDX
5055386509529
KOLSMDXBpm
Fibre female to female coupler LC to LC, single mode duplex
34 x 19 x 35 – 6.5g
KOLSMDX
5055386509536
KSH66Bpm
RJ12 6p6c socket
36.4 x 22.8 x 35 – 8.5g
KSH66
5055386509543
KUA2Bpm
USB2 A Screw Termination Socket
28.4 x 19 x 35 – 8.5g
KUA2
5055386509550
SACK3SBpm
Category 6 female to female coupler, shielded
30 x 19 x 35 – 20.5g
SACK3S
5055386509574
SACK4Bpm
Category 6 unshielded compact coupler
30 x 19 x 35 – 8.5g
SACK4
5055386509581
SEKjeBpm
Category 8 socket
41.6 x 19 x 35 – 30.5g
SEKje
5055386509598
SGACK2SBpm
Category 6A female to female coupler, shielded
29.7 x 19 x 35 – 19.5g
SGACK2S
5055386509604
SGACK90SBpm
Category 6A female to female coupler, w/rear outlet 90° to front outlet,
shielded (suitable for Cat 6 or Cat 5e)
36.1 x 19 x 35 – 12.5g
SGACK90
5055386509611
SGKSjeBpm
Category 6A contractor grade shielded socket
37.8 x 19 x 35 – 24.5g
SGKSje
5055386509628
SGKSLJBpm
Category 6A STP tool-less locking socket
38.75 x 19 x 35 – 20.5g
SGKSLJ
5055386509840
SKFBpm
Category 6 tool-less IDC socket, unshielded
38 x 19 x 35 – 10.5g
SKF*
5055386509635
SKmcBpm
Category 6 IDC socket, LSA-Plus and 110 type termination, unshielded
34 x 19 x 35 – 8.5g
SKmc
5055386509642
SLJBpm
LOKJAC Category 6 tool-less locking socket
36 x 19 x 35 – 8.5g
SLJ
5055386509659
KAPMBfnl
Low profile black panel mount adaptor
11 x 19 x 35 – 2.5g
5055386509420
KAPMBfnl#20
Low profile black panel mount adaptor in bags of 20
25 x 180 x 110 – 100g
5055386509437
KAPMkpk
Low profile black panel mount blank
11 x 19 x 35 – 2.7g
5055386509444
KAPMkpk#20
Low profile black panel mount blank in bags of 20
25 x 180 x 110 – 100g
5055386509451
KAPMkpk2
Clip-in blank for flexible applications, allows for installation of connectors
20.1 x 19 x 35 – 3g
KPKbk
5055386509697
FFPM16,
FFPM16CM
Panel mount 16 port-panel available both with, and without cable
management.
482 x 14 x 44.2 – 364g,
482 x 68.4 x 44.2 – 474g
FFPM16,
FFPM16CM
5055386508805,
5055386508812



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com