Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FACK4 Datasheet(PDF) 4 Page - TUK Ltd

Part # FACK4
Description  LOW PROFILE PANEL MOUNT RANGE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TUK [TUK Ltd]
Direct Link  https://tuk.co.uk/
Logo TUK - TUK Ltd

FACK4 Datasheet(HTML) 4 Page - TUK Ltd

  FACK4 Datasheet HTML 1Page - TUK Ltd FACK4 Datasheet HTML 2Page - TUK Ltd FACK4 Datasheet HTML 3Page - TUK Ltd FACK4 Datasheet HTML 4Page - TUK Ltd FACK4 Datasheet HTML 5Page - TUK Ltd FACK4 Datasheet HTML 6Page - TUK Ltd FACK4 Datasheet HTML 7Page - TUK Ltd FACK4 Datasheet HTML 8Page - TUK Ltd FACK4 Datasheet HTML 9Page - TUK Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TUK Ltd
LOW PROFILE PANEL MOUNT RANGE
FACK2SBpm
FACK4Bpm
FKFBpm
KBNC1275BPM
KBNC50Bpm
KCF3GBpm
KCHDBpm
KCK66Bpm
KCUAA2Bpm
KCUABBpm
KOLADXBpm
KOLMMDXBpm
More Information:
TUK’s Low Profile Panel Mount Range offers a wide variety of audio, video and data connectors which can easily
be mounted into panels of virtually any thickness.
Each connector is supplied as a kit. Kit includes coupler/connector, panel mount adaptor, and 2 pairs of black steel
flat head screws (2 x M3s for European installations, 2 x 4:40s for US installations).
The Low Profile Black adaptor KAPMBfnl is durable and ensures easy mounting (into standard cut-out) – can be
purchased on its own in packs of 20 pcs.
All connectors are made to relevant standards. Category 6 and 6A connectors are produced, for example, to
FCC68 and to TIA/EIA 568B and have an insertion life of > 750 mating cycles. All products are CE compliant (i.e
including ROHS and REACH)
1st January, 2022
Rear View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com