Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV61220DBVT Datasheet(PDF) 13 Page - Texas Instruments

Part # TLV61220DBVT
Description  TLV61220 Low-Input Voltage Step-Up Converter in Thin SOT-23 Package
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

TLV61220DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV61220DBVT Datasheet HTML 9Page - Texas Instruments TLV61220DBVT Datasheet HTML 10Page - Texas Instruments TLV61220DBVT Datasheet HTML 11Page - Texas Instruments TLV61220DBVT Datasheet HTML 12Page - Texas Instruments TLV61220DBVT Datasheet HTML 13Page - Texas Instruments TLV61220DBVT Datasheet HTML 14Page - Texas Instruments TLV61220DBVT Datasheet HTML 15Page - Texas Instruments TLV61220DBVT Datasheet HTML 16Page - Texas Instruments TLV61220DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
´
>
´
OUT
OUT
IN
V
I
0.8
100 mA
V
´
ì
ï
´
í
ï
î
OUT
OUT
IN
L,MAX
V
I
+ 100 mA;
continous current operation
0.8 V
I
=
200 mA;
discontinuous current operation
´
´
´
IN
OUT
IN
OUT
V
(V
- V )
1
L =
f 200 mA
V
æ
ö
ç
÷
è
ø
OUT
FB
V
R
= R
x
- 1
1
2
V
TLV61220
www.ti.com
SLVSB53A – MAY 2012 – REVISED DECEMBER 2014
11.2.2.1 Adjustable Output Voltage Version
An external resistor divider is used to adjust the output voltage. The resistor divider needs to be connected
between VOUT, FB and GND as shown in Figure 14. When the output voltage is regulated properly, the typical
voltage value at the FB pin is 500 mV. The maximum recommended value for the output voltage is 5.5 V. The
current through the resistive divider should be about 100 times greater than the current into the FB pin. The
typical current into the FB pin is 0.01
μA, and the voltage across the resistor between FB and GND, R2, is
typically 500 mV. Based on those two values, the recommended value for R2 should be lower than 500 kΩ, in
order to set the divider current to 1
μA or higher. The value of the resistor connected between VOUT and FB, R1,
depending on the needed output voltage (VOUT), can be calculated using Equation 1:
(1)
As an example, if an output voltage of 3.3 V is needed, a 1-M
Ω resistor is calculated for R1 when for R2 a 180-kΩ
has been selected.
11.2.2.2 Inductor Selection
To make sure that the TLV61220 can operate, a suitable inductor must be connected between pin VBAT and pin
SW. Inductor values of 4.7
μH show good performance over the whole input and output voltage range .
Choosing other inductance values affects the switching frequency f proportional to 1/L as shown in Equation 2.
(2)
Choosing inductor values higher than 4.7
μH can improve efficiency due to reduced switching frequency and,
therefore, with reduced switching losses. Using inductor values below 2.2
μH is not recommended.
Having selected an inductance value, the peak current for the inductor in steady state operation can be
calculated. Equation 3 gives the peak current estimate.
(3)
For selecting the inductor this would be the suitable value for the current rating. It also needs to be taken into
account that load transients and error conditions may cause higher inductor currents.
Equation 4 helps to estimate whether the device will work in continuous or discontinuous operation depending on
the operating points. As long as the inequation is true, continuous operation is typically established. If the
inequation becomes false, discontinous operation is typically established.
(4)
The following inductor series from different suppliers have been used with TLV61220 converters:
Table 4. List of Inductors
VENDOR
INDUCTOR SERIES
Toko
DFE252010C
EPL3015
Coilcraft
EPL2010
Murata
LQH3NP
Taiyo Yuden
NR3015
Wurth Elektronik
WE-TPC Typ S
Copyright © 2012–2014, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: TLV61220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com