Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSML-321611-R22K-T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSML-321611-R22K-T
Description  Surface Mount Multilayer Chip Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSML-321611-R22K-T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSML-321611-R22K-T Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
(Length, Width, Height)
B=Bulk
T=Tape & Reel
Inductance Code
(3000 pcs per reel)
Tolerance
K=10%, M=20%
LSML - 321611 - 47N M - T
Surface Mount Multilayer Chip Inductor
(LSML-321611 Series)
Features
Inductance Range
0.047 µH to 33 µH
Tolerance
10%, 20%
Operating Temperature
-25°C to +85°C
Electrical Specifications
Inductance
Code
Inductance
(µH)
Available
Tolerance
Q
Min
LQ Test Freq
(MHz)
SRF Min
(MHz)
DCR Max
(Ohms)
IDC Max
(mA)
47N
0.047
M
40
50
320
0.15
300
68N
0.068
M
40
50
280
0.25
300
R10
0.10
K, M
50
25
235
0.25
250
R12
0.12
K, M
50
25
220
0.30
250
R15
0.15
K, M
50
25
200
0.30
250
R18
0.18
K, M
50
25
185
0.40
250
R22
0.22
K, M
50
25
170
0.40
250
R27
0.27
K, M
50
25
150
0.50
250
R33
0.33
K, M
50
25
145
0.60
250
R39
0.39
K, M
50
25
135
0.50
200
R47
0.47
K, M
50
25
125
0.60
200
R56
0.56
K, M
50
25
115
0.70
150
R68
0.68
K, M
50
25
105
0.80
150
R82
0.82
K, M
50
25
100
0.90
150
1R0
1.0
K, M
40
10
110
0.40
100
1R2
1.2
K, M
40
10
100
0.50
100
1R5
1.5
K, M
40
10
90
0.50
80
1R8
1.8
K, M
40
10
80
0.50
70
2R2
2.2
K, M
40
10
70
0.60
60
2R7
2.7
K, M
40
10
70
0.60
60
3R3
3.3
K, M
40
10
60
0.70
60
3R9
3.9
K, M
40
10
55
0.80
50
4R7
4.7
K, M
40
10
50
0.90
50
5R6
5.6
K, M
45
4
32
0.70
25
6R8
6.8
K, M
45
4
29
0.80
25
8R2
8.2
K, M
45
4
26
0.90
25
100
10
K, M
45
2
24
1.00
25
120
12
K, M
45
2
22
1.05
15
150
15
K, M
35
1
19
0.70
5
180
18
K, M
35
1
18
0.70
5
220
22
K, M
35
1
16
0.90
5
270
27
K, M
35
1
14
0.90
5
330
33
K, M
35
0.4
13
1.05
5
3.2 ± 0.20
0.5 ± 0.3
1.10 ± 0.20
1.60 ± 0.20
0.5 ± 0.3
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LSML-321611-R22K-T

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LSML-321611-R22K-T CALIBER-LSML-321611-R22K-T Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
More results

Similar Description - LSML-321611-R22K-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212 ETC2-LSML-201212 Datasheet
24Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-321611 CALIBER-LSML-321611 Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-322513 CALIBER-LSML-322513 Datasheet
23Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
NIC-Components Corp.
NFP NIC-NFP Datasheet
771Kb / 5P
Surface Mount Multilayer Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com