Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSCC-8507BC Datasheet(PDF) 2 Page - STMicroelectronics

Part # GSCC-8507BC
Description  BATTERY CHARGER
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

GSCC-8507BC Datasheet(HTML) 2 Page - STMicroelectronics

  GSCC-8507BC Datasheet HTML 1Page - STMicroelectronics GSCC-8507BC Datasheet HTML 2Page - STMicroelectronics GSCC-8507BC Datasheet HTML 3Page - STMicroelectronics GSCC-8507BC Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ELECTRICAL CHARACTERISTICS (Tamb = 25
°C unless otherwise specified)
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
Vi
Input Voltage
Ich = 0 to 0.7A
10.8
14.4
16
V
Ichf
Fast Charge Current
Vi = 10.8 to 16V
Vbattery = 5 to 8.2V
0.65
0.70
0.75
A
Icht
Trickle Charge Current
Vi = 10.8 to 16V
Vbattery = 1 to 5V or
0
°C < Tbatt < 10°C
or charge completed
20
30
40
mA
C
Returned Charge
Vi = 10.8 to 15V
95
%
Vbatt
Maximum Battery
Voltage Protection
Vi = 10.8 to 16V
Ich = 0.7A
8.2
8.5
8.7
V
Tco
Battery Temperature Cut Off
Vi = 10.8 to 16V
Ich = 0.0A
50
°C
tout
Time Out Protection
Duration
Vi = 10.8 to 16V
Ich = 0.7A
2hours
fs
Switching Frequency
Vi = 10.8 to 16V
Ich = 0.03 to 0.7A
100
kHz
Top
Operating Ambient
Temperature Range
– 20
+60
°C
Tstg
Storage Temperature Range
– 25
+85
°C
2/4
Status
Condition
Red ON
- Fast charge
(Ich = 0,7A)
Green ON
- Charge Completed
(Ich = 0.03A)
- Timer elapsed
Red Flashing
Anomalous battery conditions
(Ich = 0.0A)
- Initial Tbattery < 0 °C
- Initial Tbattery > 40
°C
-Tbattery > 50 °C
- Faulty battery
Green Flashing
(Ich = 0.03A)
- Initial charge of deeply discharged batteries
-0
°C < Tbatt < 10 °C
OFF
Battery not connected
NOTES
1 - The battery temperature detection is a function
of the characteristics of the NTC resistor used
inside the battery pack. Please consult factory.
2 - Different fast charge and trickle charge currents,
and different time out are available on request
(Maximum charge current cannot exceed 1A).
3 - For connector to the battery pack please consult
factory.
GSCC-8.507BC



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com