Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

79880 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 79880
Description  Pull Handles aluminium, Clean line
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

79880 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  79880 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
aluminium, Clean line
Pull Handles
Pull Handles
Order No.
Type
l
1
d
1
a
h
1
R
t
1
79880.W0120
Standard
200
M 8
20
70
22
15
79880.W0125
Standard
250
M 8
20
70
22
15
79880.W0130
Standard
300
M 8
20
70
22
15
79880.W0135
Standard
350
M 8
20
70
22
15
79880.W0140
Standard
400
M 8
20
70
22
15
79880.W0160
Standard
600
M 8
20
70
22
15
79880.W0220
Standard
200
M 8
25
85
28
15
79880.W0225
Standard
250
M 8
25
85
28
15
79880.W0230
Standard
300
M 8
25
85
28
15
79880.W0240
Standard
400
M 8
25
85
28
15
79880.W0260
Standard
600
M 8
25
85
28
15
79880.W0330
Standard
300
M10
30
100
34
15
79880.W0340
Standard
400
M10
30
100
34
15
79880.W0360
Standard
600
M10
30
100
34
15
79880
0333 207 4497
sales@wixroyd.com
1
Material
Round bar aluminium AlMgSi 0.5. Vibration
ground and powder coated in RAL 9002
grey white.
Technical Notes
Minimum stress resistance >1000N.
Tips
Especially suited for food and medical
industries. Other RAL shades are available
on request.


Similar Part No. - 79880

ManufacturerPart #DatasheetDescription
logo
Adels-Contact
798815D3 ADELS-798815D3 Datasheet
113Kb / 1P
AC 169 REBU/ 5 M20 DALI blue
30/12/2019
798865D3 ADELS-798865D3 Datasheet
113Kb / 1P
AC 169 REBU/ 5 M25 DALI blue
30/12/2019
logo
Belden Inc.
7988P BELDEN-7988P Datasheet
229Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMP
2022 Belden, Inc
7988PN3UU1000 BELDEN-7988PN3UU1000 Datasheet
229Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMP
2022 Belden, Inc
7988R BELDEN-7988R Datasheet
227Kb / 3P
Low Skew, Category 5e, 4-24 AWG pairs, CMR
2022 Belden, Inc
More results

Similar Description - 79880

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
480 ETC2-480 Datasheet
268Kb / 1P
ROUND INSTRUMENTATION HANDLES
23-6337-8806 ETC2-23-6337-8806 Datasheet
50Kb / 2P
No-Clean Cored Wire
logo
3M Electronics
5850 3M-5850 Datasheet
140Kb / 6P
3M™ Clean-View Pad 5850
Sep-2014
logo
TE Connectivity Ltd
C-1534326 TEC-C-1534326 Datasheet
559Kb / 1P
MCON 1.2 CB (CLEAN BODY)
C-2208562 TEC-C-2208562 Datasheet
305Kb / 1P
MCON 050, Buchsenkontakt, clean body MCON 050, TERMINAL, CLEAN BODY
logo
FIBOX Enclosing innovat...
7811210 FIBOX-7811210 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.202
7811270 FIBOX-7811270 Datasheet
60Kb / 2P
Enclosure, aluminium
11.01.2023
7811370 FIBOX-7811370 Datasheet
442Kb / 2P
Enclosure, aluminium
11.01.2023
7811380 FIBOX-7811380 Datasheet
58Kb / 2P
Enclosure, aluminium
11.01.2023
logo
Keystone Electronics Co...
9121 KEYSTONE-9121 Datasheet
86Kb / 1P
INSTRUMENTATION HANDLES
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com