Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTTCV Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ZTTCV
Description  8.00MHz to 50.00MHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ZTTCV Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ZTTCV Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TEL 949-366-8700
FAX 949-366-8707
WEB http://www.caliberelectronics.com
ZTACS, ZTTCS and ZTTCV Series
8.00MHz to 50.00MHz
Part
Number
Frequency
Range
(MHz)
Frequency
Tolerance
(%)
Resonant
Resistance
(ohms)
Temperature
Characteristics of
Oscillation
Frequency
(%)
Aging Rate
(%)
ZTACS (MT)
8.00-13.00
±0.5
25
±0.3
±0.5
ZTACS (MX)
13.01-50.00
±0.5
40
±0.3
±0.5
ZTACV (MX)
8.00-12.00
±0.5
25
±0.3
±0.5
ZTACV (MX)
13.01-50.00
±0.5
40
±0.3
±0.5
Type
Dimensions
(mm)
L
W
H
P1
ZTACS (MT/MX)
4.7±0.2
4.1±0.2
1.6±0.3
1.0±0.4
3.7±0.2
3.01±0.2
1.2±0.3
0.9±0.3
ZTACV (MX)
Part
Number
Frequency
Range
(MHz)
Frequency
Tolerance
(%)
Resonant
Resistance
(ohms)
Temperature
Characteristics of
Oscillation
Frequency
(%)
Aging Rate
(%)
ZTTCS (MT)
8.00-13.00
±0.5
25
±0.3
±0.5
ZTTCS (MX)
13.01-50.00
±0.5
40
±0.3
±0.5
ZTTCV (MT)
8.00-12.00
±0.5
25
±0.3
±0.5
ZTTCV (MX)
13.01-50.00
±0.5
40
±0.3
±0.5
Type
Dimensions
(mm)
L
W
H
P1
P2
P3
ZTTCS (MT/MX
4.7±0.2
4.1±0.2
1.6±0.3
1.0±0.4
0.8±0.4
1.85±0.2
ZTTCV(MX)
3.7±0.2
3.01±0.2
1.2±0.3
0.9±0.3
0.7±0.3
1.58±0.2
W
H
L
P1
P2
P3
W
H
L
P1
ZTACS
Series
8.00-20.00MHz
30pF ±0.1pF
Load
Capacitance
(pF) is for
circuit testing
only.
20.01-25.99MHz
15pF ±0.1pF
26.00-50.00MHz
5pF ±0.1pF
ZTTCS
Series
8.00-20.00MHz
30pF ±0.1pF
Load
Capacitance
(pF) is for built
in capacitors
only.
20.01-25.99MHz
15pF ±0.1pF
26.00-50.00MHz
5pF ±0.1pF
ZTACV
Series
Load
Capacitance
(pF) is for built
in capacitors
only.
20.01-25.99MHz
15pF ±0.1pF
26.00-50.00MHz
5pF ±0.1pF
CAL I BER
Electr on ics In c.
Lead-Free
RoHS Compliant
Revision: 2000-B


Similar Part No. - ZTTCV

ManufacturerPart #DatasheetDescription
logo
auris-GmbH
ZTTCV AURIS-ZTTCV Datasheet
188Kb / 1P
Resonator SMD, 3 Pin
logo
List of Unclassifed Man...
ZTTCV ETC2-ZTTCV Datasheet
148Kb / 1P
CERAMIC RESONATOR
logo
Advanced Crystal Techno...
ZTTCV ACT-ZTTCV Datasheet
193Kb / 2P
SMD Resonators
10/10/05
logo
EUROQUARTZ limited
ZTTCV EUROQUARTZ-ZTTCV Datasheet
77Kb / 1P
CERAMIC RESONATORS
logo
AEL Crystals Ltd
ZTTCV AEL-ZTTCV Datasheet
28Kb / 1P
Ceramic Resonator
More results

Similar Description - ZTTCV

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ZTTCZTAC ETC2-ZTTCZTAC Datasheet
47Kb / 1P
2.00MHz to 8.00MHz
logo
Shoulder Electronics Li...
ZTACS-MX SHOULDER-ZTACS-MX Datasheet
324Kb / 9P
This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
ZTACV-MX SHOULDER-ZTACV-MX Datasheet
306Kb / 8P
This specification shall cover the characteristics of the ceramic resonator 16.00-50.00MHZ.
ZTA-MX SHOULDER-ZTA-MX Datasheet
240Kb / 6P
This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
ZTT-MX SHOULDER-ZTT-MX Datasheet
283Kb / 7P
This specification shall cover the characteristics of the ceramic resonator 13.01-50.00MHZ.
logo
TAI-SAW TECHNOLOGY CO.,...
TW0462A TAI-SAW-TW0462A Datasheet
131Kb / 8P
SMD 3.2x2.5 8.00MHz Crystal Oscillator
REV. NO.: 1.0
TZ0777A TAI-SAW-TZ0777A Datasheet
362Kb / 7P
Crystal Unit SMD 5.0x3.2 8.00MHz
REV. NO.: 3
TZ1950A TAI-SAW-TZ1950A Datasheet
354Kb / 7P
Crystal Unit SMD 5.0x3.2 8.00MHz
REV. NO.: 1
TZ2141A TAI-SAW-TZ2141A Datasheet
101Kb / 7P
Crystal Unit SMD 3.2x2.5 50.00MHz
REV. NO.: 1
TZ2608D TAI-SAW-TZ2608D Datasheet
100Kb / 7P
Crystal Unit SMD 3.2x2.5 50.00MHz
REV. NO.: 1
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com