Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPST10H100SB Datasheet(PDF) 5 Page - STMicroelectronics

Part # STPST10H100SB
Description  100 V - 10 A DPAK power Schottky trench rectifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPST10H100SB Datasheet(HTML) 5 Page - STMicroelectronics

  STPST10H100SB_V01 Datasheet HTML 1Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 2Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 3Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 4Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 5Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 6Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 7Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 8Page - STMicroelectronics STPST10H100SB_V01 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
2
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
2.1
DPAK package information
•
Epoxy meets UL94, V0
Figure 9. DPAK package outline
E
b4
L2
H
L4
A
c2
D
A1
R
c
b (2x)
e
e1
A2
L
(L1)
V2
E1
D1
Gauge
plane
Seating plane
0.25
Note:
This package drawing may slightly differ from the physical package. However, all the specified dimensions are
guaranteed.
STPST10H100SB
Package information
DS14177 - Rev 2
page 5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com