Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG2D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # UG2D
Description  Miniature Ultrafast Plastic Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UG2D Datasheet(HTML) 3 Page - Vishay Siliconix

  UG2D Datasheet HTML 1Page - Vishay Siliconix UG2D Datasheet HTML 2Page - Vishay Siliconix UG2D Datasheet HTML 3Page - Vishay Siliconix UG2D Datasheet HTML 4Page - Vishay Siliconix UG2D Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UG2A, UG2B, UG2C, UG2D
www.vishay.com
Vishay General Semiconductor
Revision: 29-Apr-2020
3
Document Number: 88761
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curves
Fig. 2 - Maximum Non-Repetitive Peak Forward Surge Current
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Leakage Characteristics
Fig. 5 - Reverse Switching Charateristics
Fig. 6 - Typical Junction Capacitance
Temperature (°C)
0
25
50
75
100
125
150
175
0
0.5
1.0
1.5
2.0
2.5
3.0
T
A, Ambient Temperature
P.C.B. Mounted
0.47" x 0.47" (12 mm x 12 mm)
Copper Pads
Resistive or Inductive Load
0.375" (9.5 mm) Lead Length
T
L Lead Temperature
Number of Cycles at 60 Hz
1
10
100
1
10
100
T
L = 75 °C
8.3 ms Single Half Sine-Wave
0.01
0.1
1
10
100
Instantaneous Forward Voltage (V)
0.2
0.4
0.6
0.8
1.0
1.2
1.4
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0.1
1
10
100
1000
10 000
020
40
60
80
100
Percent of Rated Peak Reverse Voltage (%)
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
T
J = 100 °C
0
25
50
75
100
125
150
175
0
10
20
30
40
50
60
Junction Temperature (°C)
I
F = 2.0 A
V
R = 30 V
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
t
rr
Q
rr
dI/dt = 150 A/μs
dI/dt = 100 A/μs
dI/dt = 20 A/μs
dI/dt = 50 A/μs
0.1
1
10
100
1
10
100
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com