Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RS2A Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # RS2A
Description  SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

RS2A Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  RS2A Datasheet HTML 1Page - HY ELECTRONIC CORP. RS2A Datasheet HTML 2Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
● Fast switching for high efficiency
● Low cost
● Diffused junction
● Low reverse leakage current
● Low forward voltage drop
● High current capability
● The plastic material carries UL recognition 94V-0
MECHANICAL DATA
●Case: Molded Plastic
●Polarity:Color band denotes cathode
●Weight: 0.003 ounces,0.093 grams
●Mounting position: Any
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL
RS2A
RS2B
RS2D
RS2G
RS2J
RS2K
RS2M
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current
@TA=75 ℃
Peak Forward Surage Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC
VF
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
TRR
250
ns
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
℃/W
Operating Temperature Range
TJ
℃
Storage Temperature Range
TSTG
℃
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
20
~ 67 ~
A
100
IR
uA
IFSM
-50 to +150
-50 to +150
REVERSE VOLTAGE
-
50 to 1000 Volts
FORWARD CURRENT - 2.0 Amperes
I(AV)
2.0
A
SURFACE MOUNT
GLASS FAST RECOVERY RECTIFIERS
3.Thermal resistance junction of ambient.
NOTES: 1.Measured with IF=0.5A,IR=1A,IRR=0.25A
RS2A thru RS2M
5.0
25
150
500
1.3
60
30
SMB
.030(0.76)
.060(1.52)
.096(2.44)
.084(2.13)
.200(5.08)
.220(5.59)
.008(.203)
.002(.051)
.006(.152)
.012(.305)
.160(4.06)
.185(4.70)
.130(3.30)
.155(3.94)
.083(2.11)
.075(1.91)


Similar Part No. - RS2A

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS2A SSE-RS2A Datasheet
19Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
46Kb / 2P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. E-2
logo
Fuji Electric
RS2A FUJI-RS2A Datasheet
759Kb / 1P
1.5AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
General Semiconductor
RS2A GE-RS2A Datasheet
74Kb / 2P
SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
RS2A DIODES-RS2A Datasheet
393Kb / 3P
1.5A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15004 Rev. 9 - 2
More results

Similar Description - RS2A

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
RS1A HY-RS1A Datasheet
35Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS3A HY-RS3A Datasheet
38Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS1AL HY-RS1AL_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS2AA HY-RS2AA_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A HY-RS3A_17 Datasheet
155Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3AB HY-RS3AB_17 Datasheet
137Kb / 3P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SMBF202F GOOD-ARK-SMBF202F Datasheet
392Kb / 4P
Surface Mount Glass Passivated Fast Recovery Rectifiers
logo
Shenzhen Yixinwei Techn...
RS2A YIXIN-RS2A Datasheet
168Kb / 2P
SURFACE MOUNT GLASS FAST RECOVERY RECTIFIERS
RS2A YIXIN-RS2A_08 Datasheet
209Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
RS3A YIXIN-RS3A Datasheet
205Kb / 2P
SURFACE MOUNT FAST RECOVERY GLASS PASSIVATED RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com