Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P3-63/V/SVB-SW Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # P3-63/V/SVB-SW
Description  Main switch, 3 pole, 63 A, STOP function, Lockable in the 0 (Off) position, rear mounting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

P3-63/V/SVB-SW Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  P3-63/V/SVB-SW Datasheet HTML 1Page - Eaton All Rights Reserved. P3-63/V/SVB-SW Datasheet HTML 2Page - Eaton All Rights Reserved. P3-63/V/SVB-SW Datasheet HTML 3Page - Eaton All Rights Reserved. P3-63/V/SVB-SW Datasheet HTML 4Page - Eaton All Rights Reserved. P3-63/V/SVB-SW Datasheet HTML 5Page - Eaton All Rights Reserved. P3-63/V/SVB-SW Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DATASHEET - P3-63/V/SVB-SW
Main switch, 3 pole, 63 A, STOP function, Lockable in the 0 (Off) position,
rear mounting
Part no. 
P3-63/V/SVB-SW
Catalog No. 
060230
 
 
Delivery program
Product range
 
 
Main switch
maintenance switch
Repair switch
Part group reference
 
 
P3
Stop Function
 
 
STOP function
 
 
 
With black rotary handle and locking ring
Information about equipment supplied
 
 
Auxiliary contact or neutral conductor fitted by user.
Number of poles
 
 
3 pole
Auxiliary contacts
 
 
 
 
 
N/O
0
 
 
N/C
0
Locking facility
 
 
Lockable in the 0 (Off) position
Degree of Protection
 
 
Front IP65
Design
 
 
rear mounting
 
 
 
Contact sequence
 
 
Function
 
 
Motor rating AC-23A, 50 - 60 Hz
 
 
 
400 V
P
kW
30
Rated uninterrupted current
Iu
A
63
Note on rated uninterrupted current !u
 
 
Rated uninterrupted current Iu is specified for max. cross-section.
Technical data
General
Standards
 
 
IEC/EN 60947, VDE 0660, IEC/EN 60204, CSA, UL
Switch-disconnector according to IEC/EN 60947-3
NEMA12
Climatic proofing
 
 
Damp heat, constant, to IEC 60068-2-78
Damp heat, cyclic, to IEC 60068-2-30
Ambient temperature
 
 
 
Open
 
°C
-25 - +50
Enclosed
 
°C
-25 - +40
Overvoltage category/pollution degree
 
 
III/3
02/18/2019
Eaton 060230 ED2019 V52.0 EN
1 / 6


Similar Part No. - P3-63/V/SVB-SW

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
P3-63/EA/SVB/N EATON-P3-63/EA/SVB/N Datasheet
336Kb / 6P
Main switch, 3 pole N, 63 A, Emergency-Stop function, Lockable in the 0 (Off) position, flush mounting
03/18/2016
P3-63/I4/SVB EATON-P3-63/I4/SVB Datasheet
352Kb / 5P
Main�switchSurface�mounting
05/31/2013
More results

Similar Description - P3-63/V/SVB-SW

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
K63C003AP SCHNEIDER-K63C003AP Datasheet
193Kb / 10P
cam switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63C003HP SCHNEIDER-K63C003HP Datasheet
190Kb / 10P
cam switch - 3-pole - 90째 - 63 A - screw mounting
Feb 3, 2022
K63D004AP SCHNEIDER-K63D004AP Datasheet
192Kb / 10P
cam switch - 4-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63D004HP SCHNEIDER-K63D004HP Datasheet
190Kb / 10P
cam switch - 4-pole - 90째 - 63 A - screw mounting
Feb 3, 2022
K63E003WP SCHNEIDER-K63E003WP Datasheet
194Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63F003UP SCHNEIDER-K63F003UP Datasheet
198Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63F013UP SCHNEIDER-K63F013UP Datasheet
197Kb / 10P
cam changeover switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63H001YP SCHNEIDER-K63H001YP Datasheet
196Kb / 10P
cam star-delta switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
K63H004PP SCHNEIDER-K63H004PP Datasheet
191Kb / 10P
cam 2-speed motor switch - 3-pole - 60째 - 63 A - screw mounting
Feb 3, 2022
logo
Eaton All Rights Reserv...
T0-1-102 EATON-T0-1-102 Datasheet
198Kb / 6P
Main switch, T0, 20 A, flush mounting, 1 contact unit(s), 2 pole, Emergency switching off function, With red rotary handle and yellow locking ring, Lockable in the 0 (Off) position
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com