Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LACC-1128-R12M-F Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LACC-1128-R12M-F
Description  Axial Conformal Coated Inductor
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LACC-1128-R12M-F Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LACC-1128-R12M-F Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Part Numbering Guide
Dimensions
Packaging Style
A, B, (inch conversion)
B=Bulk
T=Tape & Reel
Inductance Code
F=Flat Pack
Tolerance
J=5%, K=10%, M=20%
LACC - 1128 - R10 K - T
Axial Conformal Coated Inductor
(LACC-1128 Series)
Features
Inductance Range
0.1 µH to 1000 µH
Tolerance
5%, 10%, 20%
Operating Temperature
-20°C to +80°C
Construction
Conformal Coated
Dielectric Strength
250 Volts RMS
Dimensions in mm
Specifications subject to change without notice.
Rev. 10/00
(Not to scale)
64.0 ± 2.0
7.0 max
0.50 ± 0.05 dia
2.8 max
(B)
(A)
Electrical Specifications
L
Code
L
(µH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
L
Code
L
(uH)
Q
Min
Test
Freq
(MHz)
SRF
Min
(MHz)
RDC
Max
(Ohms)
IDC
Max
(mA)
R10
0.10
35
25.2
380
0.075
1150
120
12.0
50
2.52
20
0.80
350
R12
0.12
35
25.2
380
0.075
1150
150
15.0
50
2.52
16
0.88
335
R15
0.15
35
25.2
380
0.075
1150
180
18.0
50
2.52
15
1.0
315
R18
0.18
35
25.2
380
0.075
1150
220
22.0
50
2.52
13
1.2
285
R22
0.22
35
25.2
380
0.075
1150
270
27.0
50
2.52
11
1.35
270
R27
0.27
35
25.2
360
0.08
1110
330
33.0
50
2.52
10
1.5
255
R33
0.33
35
25.2
350
0.08
1110
390
39.0
50
2.52
9.5
1.7
240
R39
0.39
35
25.2
320
0.09
1000
470
47.0
50
2.52
8.5
2.3
205
R47
0.47
40
25.2
300
0.10
1000
560
56.0
50
2.52
7.5
2.6
195
R56
0.56
40
25.2
280
0.11
950
680
68.0
50
2.52
6.5
2.9
185
R68
0.68
40
25.2
250
0.12
900
820
82.0
50
2.52
6
3.2
175
R82
0.82
40
25.2
200
0.12
900
101
100
50
2.52
5.5
3.5
165
1R0
1.00
50
25.2
180
0.15
815
121
120
50
0.796
5.4
3.8
160
1R2
1.20
50
7.96
165
0.18
740
151
150
50
0.796
4.75
4.4
150
1R5
1.50
50
7.96
150
0.20
700
181
180
50
0.796
4.35
5.0
140
1R8
1.80
50
7.96
125
0.23
655
221
220
50
0.796
4
5.7
130
2R2
2.20
50
7.96
110
025
630
271
270
50
0.796
3.7
6.5
120
2R7
2.70
50
7.96
95
0.28
595
331
330
50
0.796
3.4
9.5
100
3R3
3.30
50
7.96
70
0.30
575
391
390
50
0.796
2.8
10.5
95
3R9
3.90
50
7.96
65
0.32
555
471
470
50
0.796
2.55
11.6
90
4R7
4.70
50
7.96
50
0.35
530
561
560
50
0.796
2.35
13.0
85
5R6
5.60
50
7.96
40
0.40
500
681
680
50
0.796
2
18.0
75
6R8
6.80
50
7.96
30
0.45
470
821
820
50
0.796
1.5
23.0
65
8R2
8.20
50
7.96
28
0.55
425
102
1000
50
0.796
1.2
26.0
60
100
10.0
50
7.96
22
0.72
370
TEL 949-366-8700
FAX 949-366-8707
WEB www.caliberelectronics.com
CAL I B E R
ELE C T R O N I C S
I N C .
specifications subject to change * revision 3-2003


Similar Part No. - LACC-1128-R12M-F

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
LACC-1128-R12M-F CALIBER-LACC-1128-R12M-F Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
More results

Similar Description - LACC-1128-R12M-F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LACC-1741 ETC2-LACC-1741 Datasheet
29Kb / 1P
Axial Conformal Coated Inductor
logo
Central Technologies
CTC0F CT-CTC0F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC1F CT-CTC1F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
CTC2F CT-CTC2F Datasheet
157Kb / 1P
Conformal Coated Inductors - Axial
CTC3F CT-CTC3F Datasheet
156Kb / 1P
Conformal Coated Inductors - Axial
logo
Caliber Electronics Inc...
LACC-1128 CALIBER-LACC-1128 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
LACC-1741 CALIBER-LACC-1741 Datasheet
30Kb / 1P
Axial Conformal Coated Inductor
logo
Central Technologies
CTC5F CT-CTC5F Datasheet
213Kb / 1P
Conformal Coated Inductors - Axial
logo
Abracon Corporation
AICC-02 ABRACON-AICC-02 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
AICC-03 ABRACON-AICC-03 Datasheet
2Mb / 3P
Conformal Coated Axial Inductor
09.04.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com