Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D35530608 Datasheet(PDF) 1 Page - Glamox

Part # D35530608
Description  D35-R180 LED 700 DALI840 LI MP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLAMOX [Glamox]
Direct Link  https://www.glamox.com/
Logo GLAMOX - Glamox

D35530608 Datasheet(HTML) 1 Page - Glamox

  D35530608 Datasheet HTML 1Page - Glamox D35530608 Datasheet HTML 2Page - Glamox  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10/2/2025
The Company reserves the right to change any product specifications without prior notification.
1/2
D35-R180 LED 700 DALI
840 LI MP
Glamox D35 is family with compact design, in three sizes.
Injected moulded fire resistant plastic material V1 in white
finish RAL9016. Integrated aluminium heat sink.
Item No.
D35530608
GTIN
4741145306089
Stock status code
M
Technical specifications
Mounting
Product Mounting
Ceiling recessed
General
Product shape
Round
LMS System
Number of DALI addresses
1
LMS Protocol
DALI
Electrical Data
Leakage Current (mA)
0.34
Main Feed AC (V) Min
220
Main Feed AC (V) Max
240
Main Feed Frequency Min
50
Main Feed Frequency Max
60
Main Feed DC (V) Min
180
Main Feed DC (V) Max
270
Total Consumption (W)
7
Number Of Luminaire MCB 10B
45
Number Of Luminaire MCB 10C
50
Number Of Luminaire MCB 16B
80
Number Of Luminaire MCB 16C
136
Optic
Optic description
Micro prismatic diffuser
Optic Name
MP - Micro prismatic
diffuser
UGR (70/50/20 & 4H-8H
crosswise)
24
Diffuser Material
Acrylic
Diffuser Material Design
Prismatic
Optic main category
Diffuser
Technical Data
Minimum TA (ºC)
-20
Maximum TA (ºC)
45
IP classification
40 from underneath \ 20 from above
Light Technical Data
Light source
LED
Lumen Out (lm)
715
Lumen Per Watt (lm/W)
107
Lamp colour temp (K)
4000
Colour Rendering Index
>80
Light Distribution Down %
100
MacAdam step
3
Energy Class Light Source
C
Minimum Dim Level (%)
1
Driver / Ballast
Type of LED Driver
DALI: Dimming
Number of Driver
1
Lifetime
LED Lifetime L80B50 Ta25 (h)
80 000
Luminous flux decline (LLMF) 50.000h Ta25
0.80
Housing
Body Material
ABS plastic
Body Colour
WH - White
Main Body Colour Name
White
Dimensions
Height (mm)
32
Diameter (mm)
200
Cut out (mm)
180
Item Net Weight (kg)
0.828
Cut out diameter
180
Termination
Termination
5x2x2.5mm2 Push In
Plug Type
Linect
Logistic Data
Item Gross Weight (kg)
0.9


Similar Part No. - D35530608

ManufacturerPart #DatasheetDescription
logo
Glamox
D35530601 GLAMOX-D35530601 Datasheet
297Kb / 3P
D35-S280 LED 1400 DALI840 MP
D35530604 GLAMOX-D35530604 Datasheet
258Kb / 2P
D35-S230 LED 1000 HF 840OP
D35530607 GLAMOX-D35530607 Datasheet
283Kb / 2P
D35-R180 LED 700 HF 840LI OP
D35530609 GLAMOX-D35530609 Datasheet
288Kb / 2P
D35-R180 LED 700 DALI840 LI OP
More results

Similar Description - D35530608

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
IMP EMERSON-NETWORKPOWER-IMP Datasheet
3Mb / 8P
Intelligent MP
IMP EMERSON-NETWORKPOWER-IMP_09 Datasheet
2Mb / 8P
Intelligent MP
UMP EMERSON-NETWORKPOWER-UMP Datasheet
1Mb / 6P
關MP Series
logo
SL Power Electronics
D35_DD SLPOWER-D35_DD Datasheet
17Kb / 2P
D35 Euro Wall Mount 1-3 Watts Series
logo
LUMEX INC.
SSL-LX3054HD LUMEX-SSL-LX3054HD Datasheet
107Kb / 1P
T-3mm 700 RED LED
SSI-LXR4815HGW LUMEX-SSI-LXR4815HGW Datasheet
77Kb / 1P
T-5mm 700 RED LED PANEL INDICATOR
logo
Molex Electronics Ltd.
1801600000 MOLEX-1801600000 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600001 MOLEX-1801600001 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600002 MOLEX-1801600002 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
1801600003 MOLEX-1801600003 Datasheet
513Kb / 4P
CREE MP-L EASY WHITE LED HOLDER
2009/06/18
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com