Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RA8835A Datasheet(PDF) 7 Page - RAIO Technology Inc.

Part # RA8835A
Description  DOT MATRIX LCD CONTROLLER SPECIFICATION
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RAIO [RAIO Technology Inc.]
Direct Link  http://www.raio.com.tw
Logo RAIO - RAIO Technology Inc.

RA8835A Datasheet(HTML) 7 Page - RAIO Technology Inc.

Back Button RA8835A Datasheet HTML 3Page - RAIO Technology Inc. RA8835A Datasheet HTML 4Page - RAIO Technology Inc. RA8835A Datasheet HTML 5Page - RAIO Technology Inc. RA8835A Datasheet HTML 6Page - RAIO Technology Inc. RA8835A Datasheet HTML 7Page - RAIO Technology Inc. RA8835A Datasheet HTML 8Page - RAIO Technology Inc. RA8835A Datasheet HTML 9Page - RAIO Technology Inc. RA8835A Datasheet HTML 10Page - RAIO Technology Inc. RA8835A Datasheet HTML 11Page - RAIO Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
Version 1.0
Dot Matrix LCD Controller
RAiO TECHNOLOGY INC.
www.raio.com.tw
7/88
RA8835A
4. Package
RAiO
RA8835AP3N
TM
07xx
XD
CS
A0
VDD
D0
D1
D2
D3
D4
D5
D6
Date Code(Year 2007)
6
10
15
20
35
30
29
25
50
45
40
60
1
5
VA8
VA9
VA10
VA11
VA12
VA13
NC
VA14
VA15
VD0
VD1
VD2
Index
Figure 4-1: RA8835AP3N(QFP-60 Pin)
RAiO
RA8835AP4N
TM
07xx
Date Code(Year 2007)
1
15
30
16
46
60
Index
VD3
VD2
VD1
VD0
VA15
VA14
VA13
VA12
VA11
VA10
VA9
VA8
VA7
VA6
NC
XD3
D7
D6
D5
D4
D3
D2
D1
D0
VDD
A0
CS
XD
XG
SEL1
45
31
Figure 4-2: RA8835AP4N (TQFP-60 Pin)
5. Pin Descriptions
5-1 Pin Functions
5-1-1 MCU Interface
Pin
Name
Function
D0 to D7
MCU Data Bus.
Tristate input/output pins. Connect these pins to an 8- or 16-bit microprocessor bus.
SEL1,
SEL2
MCU Interface Select.
The RA8835A series supports both 8080 family processors (such as the 8085 and
Z80®) and 6800 family processors (such as the 6802 and 6809).
SEL1 should be tied directly to VDD or VSS to prevent noise. If noise does appear on
SEL1, decouple it to ground using a capacitor placed as close to the pin as possible.
SEL1
SEL2*
Interface
A0
RD
WR
CS
0
0
8080 family
A0
RD
WR
CS
1
0
6800 family
A0
E
R/ W
CS
RD
or
E
Read Control or Enable.
When the 8080 family interface is selected, this signal acts as the active-LOW read
strobe. The RA8835A series output buffers are enabled when this signal is active.
When the 6800 family interface is selected, this signal acts as the active-HIGH
enable clock.
Data is read from or written to the RA8835A series when this clock goes HIGH.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com