Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS40 Datasheet(PDF) 2 Page - Multicomp Pro

Part # BAS40
Description  Surface Mount Barrier Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

BAS40 Datasheet(HTML) 2 Page - Multicomp Pro

  BAS40 Datasheet HTML 1Page - Multicomp Pro BAS40 Datasheet HTML 2Page - Multicomp Pro BAS40 Datasheet HTML 3Page - Multicomp Pro BAS40 Datasheet HTML 4Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page <2>
V1.0
11/09/19
Surface Mount Barrier Diode
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Typical Characteristics @ Ta=25°C (unless otherwise specified):
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Reverse breakdown voltage
V
(BR)R
40
-
-
V
I
RS = 10A
Forward voltage
V
F
-
-
-
-
380
1,000
mV
t
P<300μs, IF=1mA
t
P<300μs, IF=40mA
Reverse leakage current
I
R
-
20
200
nA
t
P<300μs, VR=30V
Junction capacitance
C
J
-
4
5
pF
V
R=0V, f=1MHz
Reverse recovery time
t
rr
-
-
5
ns
I
F=IR=10mA to
I
R=1mA,RL=100Ω
Electrical Characteristics @ Ta=25°C (unless otherwise specified):



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com