Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FEMTOSMDC010F Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # FEMTOSMDC010F
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

FEMTOSMDC010F Datasheet(HTML) 4 Page - TE Connectivity Ltd

  FEMTOSMDC010F Datasheet HTML 1Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 2Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 3Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 4Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 5Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 6Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 7Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 8Page - TE Connectivity Ltd FEMTOSMDC010F Datasheet HTML 9Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
118
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Maximum Ambient Temperature
Part Number
-40°C
-20°C
0°C
20°C
25°C
40°C
50°C
60°C
70°C
80°C
85°C
125°C
femtoSMDC Series
Size 1608 mm/0603 mils
femtoSMDC005F
0.08
0.07
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
0.02
—
femtoSMDC008F
0.13
0.11
0.10
0.08
0.08
0.07
0.06
0.06
0.05
0.04
0.04
—
femtoSMDC010F
0.16
0.14
0.12
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
—
femtoSMDC012F
0.18
0.16
0.14
0.12
0.12
0.11
0.10
0.08
0.08
0.07
0.06
—
femtoSMDC016F
0.25
0.22
0.18
0.17
0.16
0.14
0.12
0.11
0.10
0.08
0.07
—
femtoSMDC020F
0.30
0.27
0.24
0.20
0.20
0.17
0.16
0.14
0.12
0.11
0.10
—
femtoSMDC035F
0.53
0.47
0.41
0.36
0.35
0.30
0.27
0.25
0.22
0.19
0.17
—
picoSMDC Series
Size 2012 mm/0805 mils
picoSMDC010S
0.17
0.15
0.13
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.05
—
picoSMDC012S
0.20
0.17
0.15
0.13
0.12
0.10
0.09
0.08
0.07
0.06
0.05
—
picoSMDC020S
0.30
0.27
0.24
0.21
0.20
0.18
0.16
0.15
0.13
0.12
0.11
—
picoSMDC035S
0.55
0.49
0.44
0.37
0.35
0.31
0.28
0.26
0.23
0.20
0.18
—
picoSMDC050S
0.70
0.62
0.55
0.55
0.50
0.43
0.38
0.33
0.30
0.28
0.26
—
picoSMDC075S*
1.17
1.05
0.94
0.81
0.75
0.68
0.62
0.57
0.50
0.44
0.41
—
picoSMDC110S*
1.61
1.46
1.21
1.15
1.10
0.94
0.84
0.75
0.72
0.68
0.64
—
nanoSMDC Series
Size 3216 mm/1206 mils
nanoSMDC012F
0.20
0.17
0.15
0.13
0.12
0.11
0.10
0.09
0.08
0.07
0.07
—
nanoSMDC016F
0.21
0.20
0.18
0.16
0.16
0.14
0.13
0.12
0.11
0.10
0.09
—
nanoSMDC020F
0.34
0.30
0.26
0.22
0.20
0.17
0.15
0.13
0.11
0.09
0.08
—
nanoSMDC025F
0.38
0.33
0.30
0.26
0.25
0.22
0.20
0.19
0.16
0.13
0.11
—
nanoSMDC035F
0.58
0.51
0.44
0.38
0.35
0.31
0.28
0.24
0.21
0.18
0.16
—
nanoSMDC050F/13.2
0.78
0.69
0.61
0.52
0.50
0.44
0.39
0.35
0.30
0.25
0.24
—
nanoSMDC075F
1.15
1.04
0.92
0.78
0.75
0.69
0.63
0.58
0.51
0.46
0.43
—
nanoSMDC110F
1.64
1.46
1.30
1.10
1.06
0.92
0.83
0.80
0.65
0.56
0.52
—
nanoSMDC150F
2.20
1.99
1.77
1.55
1.50
1.34
1.23
1.10
1.01
0.90
0.84
—
nanoSMDC200F
2.92
2.64
2.35
2.07
2.00
1.79
1.64
1.50
1.36
1.22
1.15
—
microSMD Series
Size 3225 mm/1210 mils
microSMD005F
0.08
0.07
0.06
0.05
0.05
0.04
0.04
0.03
0.03
0.02
0.02
—
microSMD010F
0.15
0.13
0.12
0.10
0.10
0.09
0.08
0.06
0.06
0.05
0.05
—
microSMD035F
0.51
0.46
0.40
0.35
0.34
0.30
0.27
0.24
0.22
0.19
0.18
—
microSMD050F
0.76
0.66
0.58
0.50
0.48
0.42
0.38
0.35
0.29
0.25
0.23
—
microSMD075F
1.10
0.97
0.86
0.75
0.72
0.64
0.58
0.55
0.47
0.42
0.39
—
microSMD110F
1.60
1.42
1.26
1.10
1.06
0.94
0.86
0.80
0.70
0.62
0.58
—
microSMD150F
2.30
2.02
1.76
1.50
1.43
1.24
1.11
1.00
0.85
0.72
0.65
—
microSMD175F
2.80
2.45
2.10
1.75
1.70
1.55
1.45
1.35
1.25
1.15
1.10
—
microSMD200F
2.60
2.44
2.35
2.00
1.96
1.78
1.67
1.50
1.45
1.15
1.10
—
miniSMDC Series
Size 4532 mm/1812 mils
miniSMDC010F
0.17
0.15
0.13
0.11
0.10
0.09
0.08
0.07
0.06
0.05
0.04
—
miniSMDC014F
0.23
0.20
0.17
0.14
0.13
0.11
0.10
0.09
0.07
0.06
0.05
—
miniSMDC020F
0.30
0.27
0.23
0.20
0.19
0.17
0.15
0.13
0.12
0.10
0.09
—
miniSMDC030F
0.49
0.44
0.39
0.32
0.30
0.27
0.24
0.22
0.18
0.16
0.14
—
miniSMDC050F
0.59
0.57
0.55
0.50
0.48
0.45
0.43
0.35
0.30
0.25
0.23
—
miniSMDC075F
1.10
0.99
0.87
0.75
0.72
0.63
0.57
0.49
0.45
0.39
0.35
—
miniSMDC075F/24
1.50
1.25
1.00
0.75
0.73
0.65
0.60
0.55
0.50
0.45
0.43
—
miniSMDC100F
1.60
1.45
1.28
1.10
1.07
0.92
0.83
0.71
0.66
0.57
0.52
—
* Data is preliminary
Table S2
Thermal Derating for Surface-mount Devices
[Hold Current (A) at Ambient Temperature (°C)]
NEW
coming
soon
NEW
NEW
NEW
NEW
NEW
NEW
NEW
coming
soon
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com