Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMD050F Datasheet(PDF) 14 Page - TE Connectivity Ltd

Part # SMD050F
Description  Surface-mount Devices
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

SMD050F Datasheet(HTML) 14 Page - TE Connectivity Ltd

Back Button SMD050F Datasheet HTML 10Page - TE Connectivity Ltd SMD050F Datasheet HTML 11Page - TE Connectivity Ltd SMD050F Datasheet HTML 12Page - TE Connectivity Ltd SMD050F Datasheet HTML 13Page - TE Connectivity Ltd SMD050F Datasheet HTML 14Page - TE Connectivity Ltd SMD050F Datasheet HTML 15Page - TE Connectivity Ltd SMD050F Datasheet HTML 16Page - TE Connectivity Ltd SMD050F Datasheet HTML 17Page - TE Connectivity Ltd SMD050F Datasheet HTML 18Page - TE Connectivity Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
128
RoHS Compliant, ELV Compliant
HF Halogen Free
12
Figure S5-S12 Typical Time-to-trip Curves at 20°C for Surface-mount Devices
Cont’d
Fault Current (A)
1
10
100
B
B
A
A
C
C
E
E
D
D
100
10
1
0.1
0.01
Figure S12
SMD2xxxF
A=
SMD150F, SMD150F/33
B=
SMDH160
C=
SMD185F
D=
SMD200F
E=
SMD250F
Fault Current (A)
100
10
1
0.1
0.01
0.1
1
100
10
B
B
A
A
C
C
D
D
E
E
Figure S10
midSMD
A=
SMD030F-2018
B=
decaSMDC050F/60
C=
SMD100F-2018
D=
SMD150F-2018
E=
SMD200F-2018
Fault Current (A)
0.1
1
10
100
B
B
A
A
C
C
E
E
D
D
F
F
G
G
H
H
100
10
1
0.1
0.01
Figure S11
SMDxxxF
A=
SMD030F
B=
SMD050F
C=
SMD075F, SMD075F/60
D=
SMD100F, SMD100F/33
E=
SMDH120
F=
SMD125F
G=
SMD260F
H=
SMD300F, SMD300F/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com