Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS516 Datasheet(PDF) 3 Page - Shunxin Technology Co., Ltd.

Part # BAS516
Description  FAST SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SXSEMI [Shunxin Technology Co., Ltd.]
Direct Link  https://sxsemi.com/
Logo SXSEMI - Shunxin Technology Co., Ltd.

BAS516 Datasheet(HTML) 3 Page - Shunxin Technology Co., Ltd.

  BAS516 Datasheet HTML 1Page - Shunxin Technology Co., Ltd. BAS516 Datasheet HTML 2Page - Shunxin Technology Co., Ltd. BAS516 Datasheet HTML 3Page - Shunxin Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SOD-523 Package Outline Dimensions
symboI
Dimensions In MiIIimeters
Dimensions In Inches
Min
Max
Min
Max
A
0.510
0.770
0.020
0.031
A1
0.500
0.700
0.020
0.028
b
0.250
0.350
0.010
0.014
c
0.080
0.150
0.003
0.006
D
0.750
0.850
0.030
0.033
E
1.100
1.300
0.043
0.051
E1
1.500
1.700
0.059
0.067
E2
0.200 REF
0.008 REF
L
0.010
0.070
0.001
0.003
θ
7° REF
7° REF
SOD-523 Suggested Pad Layout
FAST SWITCHING DIODE
BAS516
3
www.sxsemi.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com