Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70310 Datasheet(PDF) 1 Page - Wixroyd Group Ltd

Part # 70310
Description  Free Running Safety Star Grip, with free-running when not engaged
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIXROYD [Wixroyd Group Ltd]
Direct Link  https://www.wixroyd.com/wx
Logo WIXROYD - Wixroyd Group Ltd

70310 Datasheet(HTML) 1 Page - Wixroyd Group Ltd

  70310 Datasheet HTML 1Page - Wixroyd Group Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
free-running when not engaged
Free Running Safety Star Grip, with
Clamping Levers
Order No.
d
1
d
2
l
d
3
d
4
d
5
h
1
h
2
h
3
h
4 stroke
70310.W0061
40
M 6
20
13.5
18
13.5
30
14
7
2.5
70310.W0062
40
M 6
25
13.5
18
13.5
30
14
7
2.5
70310.W0063
40
M 6
32
13.5
18
13.5
30
14
7
2.5
70310.W0064
40
M 6
40
13.5
18
13.5
30
14
7
2.5
70310.W0081
40
M 8
20
13.5
18
13.5
30
14
7
2.5
70310.W0082
40
M 8
25
13.5
18
13.5
30
14
7
2.5
70310.W0083
40
M 8
32
13.5
18
13.5
30
14
7
2.5
70310.W0084
40
M 8
40
13.5
18
13.5
30
14
7
2.5
70310.W0085
50
M 8
25
16.0
22
16.5
34
15
8
3.5
70310.W0086
50
M 8
32
16.0
22
16.5
34
15
8
3.5
70310.W0087
50
M 8
40
16.0
22
16.5
34
15
8
3.5
70310.W0088
50
M 8
50
16.0
22
16.5
34
15
8
3.5
70310.W0101
50
M10
25
16.0
22
16.5
34
15
8
3.5
70310.W0102
50
M10
32
16.0
22
16.5
34
15
8
3.5
70310.W0103
50
M10
40
16.0
22
16.5
34
15
8
3.5
70310.W0104
50
M10
50
16.0
22
16.5
34
15
8
3.5
70310
0333 207 4497
sales@wixroyd.com
1
Material
Plastic technopolymer (Polyamide PA)
glass fibre reinforced, black.
Thread bush, steel.
Inner parts: zinc die cast.
Technical Notes
Suitable for applications where an acci-
dental loosening or adjusting of the knob
may lead to accidents.
Temperature resistant to +130°C.
Tips
Unique safety handle.
When not in use, star knob is not
engaged with the threaded insert, i.e.
the knob is free-running. Only after axial
pushing of the star knob, the two
serrations get engaged so that the knob
can be loosened/ tightened. After relea-
sing, the two serrations are disengaged
by a spring.


Similar Part No. - 70310

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
7031 ETC2-7031 Datasheet
327Kb / 1P
LED SPACER MOUNTS
7031 ETC2-7031 Datasheet
338Kb / 1P
LED SPACER MOUNTS
7031 ETC2-7031 Datasheet
114Kb / 2P
LED SPACER MOUNTS
logo
Keystone Electronics Co...
7031 KEYSTONE-7031 Datasheet
315Kb / 1P
LED SPACER MOUNTS
31-07 20th
logo
Wurth Elektronik GmbH &...
70311308 WURTH-70311308 Datasheet
201Kb / 1P
TRANSFORMER
5A, 12/09
More results

Similar Description - 70310

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1377 ONSEMI-NCP1377 Datasheet
165Kb / 16P
PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207A ONSEMI-NCP1207A Datasheet
197Kb / 16P
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
November, 2004 ??Rev. 1
NCP1378 ONSEMI-NCP1378 Datasheet
152Kb / 16P
PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
October, 2004 ??Rev. 1
NCP1207A ONSEMI-NCP1207A_10 Datasheet
401Kb / 17P
PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1207B ONSEMI-NCP1207B Datasheet
401Kb / 17P
PWM Current--Mode Controller for Free Running Quasi--Resonant Operation
December, 2010 -- Rev. 11
NCP1337 ONSEMI-NCP1337_11 Datasheet
196Kb / 15P
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
May, 2011 ??Rev. 5
NCP1377 ONSEMI-NCP1377 Datasheet
251Kb / 17P
PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1377 ONSEMI-NCP1377_11 Datasheet
251Kb / 17P
PWM Current-Mode Controller for Free-Running Quasi-Resonant Operation
January, 2011 ??Rev. 11
NCP1207AADAPGEVB ONSEMI-NCP1207AADAPGEVB Datasheet
291Kb / 17P
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
August, 2013 ??Rev. 12
NCP1338 ONSEMI-NCP1338_14 Datasheet
141Kb / 15P
PWM Current-Mode Controller for Free Running Quasi-Resonant Operation
December, 2014 ??Rev. 2
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com