Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH1003S-Y Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH1003S-Y
Description  Automotive 300 V, 10 A high efficiency ultrafast diode
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH1003S-Y Datasheet(HTML) 1 Page - STMicroelectronics

  STTH1003S-Y Datasheet HTML 1Page - STMicroelectronics STTH1003S-Y Datasheet HTML 2Page - STMicroelectronics STTH1003S-Y Datasheet HTML 3Page - STMicroelectronics STTH1003S-Y Datasheet HTML 4Page - STMicroelectronics STTH1003S-Y Datasheet HTML 5Page - STMicroelectronics STTH1003S-Y Datasheet HTML 6Page - STMicroelectronics STTH1003S-Y Datasheet HTML 7Page - STMicroelectronics STTH1003S-Y Datasheet HTML 8Page - STMicroelectronics STTH1003S-Y Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Features
•
AEC-Q101 qualified
•
Ultrafast recovery
•
Low power losses
•
High surge capability
•
Low leakage current
•
High junction temperature
•
ECOPACK2 compliant
Applications
•
DC/DC converter
•
Reverse battery protection
•
Battery management system
•
Audio amplification
Description
This STTH1003S-Y is an ultrafast recovery power rectifier dedicated to energy
recovery in automotive applications.
This STTH1003S-Y is also intended for the clamping function in an energy recovery
block.
The compromise between forward voltage drop and recovery time offers optimized
performances.
A
K
A
A
A
K
DPAK
Product status links
STTH1003S-Y
Product summary
IF(AV)
10 A
VRRM
300 V
Tj(max.)
175 °C
VF(typ.)
0.9 V
Trr(max.)
13 ns
Automotive 300 V, 10 A high efficiency ultrafast diode
STTH1003S-Y
Datasheet
DS8767 - Rev 4 - June 2025
For further information, contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STTH1003S-Y

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1003S-Y STMICROELECTRONICS-STTH1003S-Y Datasheet
81Kb / 7P
Automotive high efficiency rectifier
24-Oct-2012
More results

Similar Description - STTH1003S-Y

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LQA10T300 POWERINT-LQA10T300 Datasheet
120Kb / 7P
300 V, 10 A Q-Series Diode
logo
STMicroelectronics
STTH102-Y STMICROELECTRONICS-STTH102-Y Datasheet
101Kb / 7P
Automotive high efficiency ultrafast diode
07-Nov-2011
STTH2003C-Y STMICROELECTRONICS-STTH2003C-Y Datasheet
89Kb / 7P
Automotive high efficiency ultrafast diode
24-Oct-2012
STTH1002C-Y STMICROELECTRONICS-STTH1002C-Y Datasheet
122Kb / 10P
Automotive high efficiency ultrafast diode
03-Nov-2011
logo
Fairchild Semiconductor
FFA60UP30DNTU FAIRCHILD-FFA60UP30DNTU Datasheet
2Mb / 5P
60 A, 300 V Ultrafast Dual Diode
FFPF10UP30STTU FAIRCHILD-FFPF10UP30STTU Datasheet
1Mb / 5P
10 A, 300 V, Ultrafast Diode
FFPF20UP30DNTU FAIRCHILD-FFPF20UP30DNTU Datasheet
509Kb / 5P
20 A, 300 V, Ultrafast Dual Diode
FFPF10UP20STU FAIRCHILD-FFPF10UP20STU Datasheet
208Kb / 5P
10 A, 200 V, Ultrafast Diode
logo
STMicroelectronics
STTH1602C-Y STMICROELECTRONICS-STTH1602C-Y Datasheet
461Kb / 11P
Automotive high efficiency ultrafast diode
04-Dec-2017
logo
Fairchild Semiconductor
FFPF10UP60S FAIRCHILD-FFPF10UP60S_V01 Datasheet
262Kb / 5P
10 A, 600 V Ultrafast Diode
November 2014 Rev. C2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com