Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH310-Y Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH310-Y
Description  Automotive 3 A - 1000 V ultrafast rectifier
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH310-Y Datasheet(HTML) 3 Page - STMicroelectronics

  STTH310-Y Datasheet HTML 1Page - STMicroelectronics STTH310-Y Datasheet HTML 2Page - STMicroelectronics STTH310-Y Datasheet HTML 3Page - STMicroelectronics STTH310-Y Datasheet HTML 4Page - STMicroelectronics STTH310-Y Datasheet HTML 5Page - STMicroelectronics STTH310-Y Datasheet HTML 6Page - STMicroelectronics STTH310-Y Datasheet HTML 7Page - STMicroelectronics STTH310-Y Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1.1
Electrical characteristics (curves)
Figure 1. Average forward power dissipation versus
average forward current
PF(AV)(W)
0
1
2
3
4
5
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
δ = 0.05
δ = 0.1 δ = 0.2
δ = 0.5
δ = 1
T
tp
δ =tp/T
IF(AV)(A)
Figure 2. Forward voltage drop versus forward current
(typical values)
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
2.4
IF(A)
Tj = 150 °C
VF(V)
Tj = 25 °C
Figure 3. Forward voltage drop versus forward current
(maximum values)
0.01
0.1
1
10
100
0.0
0.4
0.8
1.2
1.6
2.0
2.4
2.8
3.2
3.6
IF(A)
Tj = 150 °C
VF(V)
Tj = 25 °C
Figure 4. Relative variation of thermal impedance junction
to lead versus pulse duration
Zth(j-l)/Rth(j-l)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1. E-04
1. E-03
1. E-02
1. E-01
1. E+00
1. E+01
tp(s)
SMBflat
Single pulse
Figure 5. Junction capacitance versus reverse voltage
applied (typical values)
1
10
100
1
10
100
C (pF)
1000
VR(V)
MHz
= 1
F
VOSC = 30 mVRMS
Tj = 25 °C
Figure 6. Thermal resistance junction to ambient versus
copper surface under each lead
0
30
60
90
120
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Rth(j-a)(°C/W)
SMB-Flat
SCu(cm²)
Epoxy printed board FR4, copper thickness: 70 μm
STTH310-Y
Electrical characteristics (curves)
DS10085 - Rev 2
page 3/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com